Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECU-1252 Datasheet (PDF) - Advantech Co., Ltd.

ECU-1252 Datasheet PDF - Advantech Co., Ltd.
Part # ECU-1252
Download  ECU-1252 Download
File Size   366.88 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description TI Cortex A9 Industrial Communication Gateway with 2 x CAN, 2 x LAN, 2 x COM Ports

ECU-1252 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECU-1252 Datasheet PDF - Advantech Co., Ltd.

Part # ECU-1252
Download  ECU-1252 Click to download

File Size   366.88 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description TI Cortex A9 Industrial Communication Gateway with 2 x CAN, 2 x LAN, 2 x COM Ports

ECU-1252 Datasheet (HTML) - Advantech Co., Ltd.


ECU-1252 Product details

Features
ƒ TI Cortex A9 600MHz CPU
ƒ DDR3L 2GB RAM
ƒ 16GB eMMC for system storage
ƒ 1 x Micro-SD Slot
ƒ 2 x CAN port
ƒ 2 x RS-232/485 isolated serial ports
ƒ 2 x 1000 Base-T Ethernet ports
ƒ 1 x Mini-PCIe for WIFI/Cellular/4G
ƒ Support web service for remotely on-line monitoring
ƒ Support SD card & on-line firmware update
ƒ Support Modbus, IEC-60870-101/104 protocol
ƒ Support Data logger on SD card
ƒ Operation System: RT-Linux
ƒ Operation Temperature -40~70°C




Similar Part No. - ECU-1252

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ECU-1252 ADVANTECH-ECU-1252 Datasheet
724Kb / 15P
WISE-EdgeLink
Jan. 26,2022 v1.0
More results


Similar Description - ECU-1252

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-1019 ADVANTECH-UNO-1019 Datasheet
109Kb / 1P
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
UNO-2052E ADVANTECH-UNO-2052E Datasheet
110Kb / 1P
AMD GX2 UNO with 2 x CAN, LAN
UNO-2053E ADVANTECH-UNO-2053E Datasheet
580Kb / 1P
AMD Geode GX Fanless Box PC with 2 x LAN, 2 x COM, Audio, PC Card
APAX-6572 ADVANTECH-APAX-6572_15 Datasheet
159Kb / 1P
Intel짰 Atom??D510 1.66 GHz, 2 GB RAM Controller with 3 x LAN, 2 x COM, VGA
UNO-1110 ADVANTECH-UNO-1110_15 Datasheet
192Kb / 1P
TI Cortex AM3505 DIN-Rail PC with 2 x LAN, 5 x COM, 4 x USB
UNO2184G1401E-T ADVANTECH-UNO2184G1401E-T_15 Datasheet
202Kb / 1P
Intel짰 Core??i3 Automation Computer with 2 x GbE, 2 x COM Ports, DVI-I/HMDI
ECU-150 ADVANTECH-ECU-150 Datasheet
690Kb / 2P
NXP i.MX8M Quad Core Cortex A53 High-Performance IoT Gateway with 2 x LAN, 2 x COM, 1 x USB
29-Dec-2021
ECU-1152 ADVANTECH-ECU-1152 Datasheet
145Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN and 6 x COM Ports
22-Dec-2020
ECU-1251 ADVANTECH-ECU-1251 Datasheet
132Kb / 1P
TI Cortex A8 Industrial Communication Gateway with 2 x LAN, 4 x COM Ports
22-Dec-2020
ECU-4553 ADVANTECH-ECU-4553 Datasheet
191Kb / 1P
TI Cortex4 A8 Power Automation Computer with 4 x LAN, 16 x COM Ports
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com