Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2712 Datasheet (PDF) - New Japan Radio

NJM2712 Datasheet PDF - New Japan Radio
Part # NJM2712
Download  NJM2712 Download
File Size   308.25 Kbytes
Page   8 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER

NJM2712 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2712 Datasheet PDF - New Japan Radio

Part # NJM2712
Download  NJM2712 Click to download

File Size   308.25 Kbytes
Page   8 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER

NJM2712 Datasheet (HTML) - New Japan Radio


NJM2712 Product details

■ GENERAL DESCRIPTION
The NJM2712 is a dual high speed wide bandwidth
operational amplifier. It features high slew rate of
260V/uS and wide gain band wirth of 1GHz. It is suitable
for analog front end application.

■ FEATURES
• Operating Voltage ±2.0 to ±4.5V
• Operating Current 3.8mA typ. (at V+/V-=±2.5V)
• High Slew Rate 260V/μs typ.
• Gain Bandwidth Product 1GHz typ.
Bandwidth 10MHz typ. (at 40dB)
• Unity Gain Bandwidth 180MHz typ.
• Input Offset Voltage 7mV max.
• Maximum Output Voltage ±1.5V typ. (at RL=1kΩ)
• Supply Voltage Rejection 60dB typ
• Open Loop Voltage Gain 75dB typ.
• Bipolar Technology
• Package Outline DMP8,
MSOP8 (TVSP8)MEET JEDEC MO-187-DA / THIN TYPE




Similar Part No. - NJM2712

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM2712 NISSHINBO-NJM2712 Datasheet
351Kb / 8P
ULTRA HIGH-SPEED DUAL OPERATIONAL AMPLIFIER
Ver.2026-01-22
logo
List of Unclassifed Man...
NJM2712M ETC1-NJM2712M Datasheet
222Kb / 8P
ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM2712M NISSHINBO-NJM2712M Datasheet
351Kb / 8P
ULTRA HIGH-SPEED DUAL OPERATIONAL AMPLIFIER
Ver.2026-01-22
NJM2712RB1 NISSHINBO-NJM2712RB1 Datasheet
351Kb / 8P
ULTRA HIGH-SPEED DUAL OPERATIONAL AMPLIFIER
Ver.2026-01-22
More results


Similar Description - NJM2712

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
Ultra High Speed Operational Amplifier
LT1191 LINER-LT1191 Datasheet
864Kb / 11P
Ultra High Speed Operational Amplifier?
LT1192 LINER-LT1192 Datasheet
959Kb / 12P
Ultra High Speed Operational Amplifier???
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
Single Ultra-High speed and Wide Band Operational Amplifier
NJM2711 NJRC-NJM2711 Datasheet
222Kb / 8P
ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2710 NJRC-NJM2710 Datasheet
232Kb / 8P
ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
Single Ultra-High speed and Wide Band Operational Amplifier
NJM2726 NJRC-NJM2726 Datasheet
92Kb / 3P
ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com