Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2749 Datasheet (PDF) - New Japan Radio

NJM2749 Datasheet PDF - New Japan Radio
Part # NJM2749
Download  NJM2749 Download
File Size   606.05 Kbytes
Page   12 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Offset, Low Drift Dual JFET Input Operational Amplifier

NJM2749 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2749 Datasheet PDF - New Japan Radio

Part # NJM2749
Download  NJM2749 Click to download

File Size   606.05 Kbytes
Page   12 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Offset, Low Drift Dual JFET Input Operational Amplifier

NJM2749 Datasheet (HTML) - New Japan Radio


NJM2749 Product details

■GENRRAL DESCRIPTION
The NJM2749/2749A is a Precision dual JFET input operational
amplifier which includes low input offset voltage: 0.8mV (typ) / 2.5mV
(max) and 6μV/°C typical offset drift.
The NJM2749A is guaranteed 20μV/°C maximum offset drift to
perform a 100% tested.
The NJM2749/2749A have the following features: low bias current of
50pA (typ), high slew rate of 13V/μs (typ).
These features are suitable for signal processing amplifiers of
instrumentation, measurement and industrial applications such as
sensor amplifier, current sensing and sample-and-hold circuit.

■FEATURES
●Input Offset Voltage Drift NJM2749: ΔVIO/ΔT= 6μV/°C typ.
NJM2749A: ΔVIO/ΔT=20μV/°C max.
●Input Offset Voltage 2.5mV max. @Ta=25°C ~ 85°C
3.5mV max. @Ta= -40°C
●Input Bias Current IB= 50pA typ. 200pA max. @Ta=25°C
●Slew Rate SR=13V/μs typ. @Ta=25°C
●Operating Voltage Vopr= ±6.0V ~ ±16V
●Voltage Gain Av=100dB typ.
●Bipolar Technology
●Dual channel
●Package Outline NJM2749AD: DIP8
NJM2749M, NJM2749AM: DMP8
NJM2749E, NJM2749AE: EMP8




Similar Part No. - NJM2749

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2749 NISSHINBO-NJM2749 Datasheet
458Kb / 12P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
20250404
More results


Similar Description - NJM2749

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
Low Offset, Low Drift JFET Input Operational Amplifier
LF412 NSC-LF412 Datasheet
565Kb / 13P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF412JAN TI1-LF412JAN Datasheet
1Mb / 16P
LF412JAN Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412 TI1-LF412 Datasheet
1Mb / 16P
LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412QML TI1-LF412QML Datasheet
1Mb / 18P
LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412-N TI-LF412-N Datasheet
3Mb / 17P
LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
Low Offset, Low Drift JFET Input Operational Amplifier
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com