Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASQU Datasheet (PDF) - Littelfuse

ASQU Datasheet PDF - Littelfuse
Part # ASQU
Download  ASQU Download
File Size   420.04 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Multifunction

ASQU Datasheet (PDF)

Go To PDF Page Download Datasheet
ASQU Datasheet PDF - Littelfuse

Part # ASQU
Download  ASQU Click to download

File Size   420.04 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Multifunction

ASQU Datasheet (HTML) - Littelfuse


ASQU Product details

Description
The ASQU and ASTU Series of 17.5 mm, knob adjustable,
universal solid-state timers offer multiple functions, voltages,
and time delay ranges. Choose one of 5 functions and 4 time
delay ranges via 4 selection switches located on face of the
unit. Adjustment through the time range is accomplished by an
onboard knob.
The ASQU Series has quick connect terminals and the ASTU
Series has terminal blocks.

FEATURES BENEFITS
Universal AC or
DC voltage Choose from 24 to 240VAC or 9 to 110VDC models
Compact 17.5mm size Allows for high rail density
Microcontroller based Repeat Accuracy + / -1%
Multifunction:
5 timing functions Reduce stocking requirements
Knob Adjustable
Time Delay Field adjustable delay ranging from 0.1s - 100m
0.7A steady, 10A inrush
solid-state output Provides 100 million operations in typical conditions.
Mounting fasteners
Iincluded
Each unit ships with both surface and DIN rail quick
mount adapters
Watchdog circuitry Self monitoring and self correcting for
improved performance




Similar Part No. - ASQU

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ASQ03 PAIRUI-ASQ03 Datasheet
573Kb / 6P
AC-DC Converter
ASQ03020 PAIRUI-ASQ03020 Datasheet
573Kb / 6P
AC-DC Converter
ASQ03021 PAIRUI-ASQ03021 Datasheet
573Kb / 6P
AC-DC Converter
ASQ03022 PAIRUI-ASQ03022 Datasheet
573Kb / 6P
AC-DC Converter
ASQ03023 PAIRUI-ASQ03023 Datasheet
573Kb / 6P
AC-DC Converter
More results


Similar Description - ASQU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
National Semiconductor ...
LH0094 NSC-LH0094 Datasheet
189Kb / 10P
Multifunction Converter
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
Multifunction Timer
logo
List of Unclassifed Man...
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
Timers Multifunction
logo
SELEC Controls Pvt. Ltd
MFM374 SELEC-MFM374 Datasheet
618Kb / 2P
Multifunction Meter
MFM384 SELEC-MFM384 Datasheet
664Kb / 2P
Multifunction Meter
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
Multifunction Counter
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
logo
Littelfuse
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
logo
List of Unclassifed Man...
WF1945B ETC2-WF1945B Datasheet
2Mb / 188P
MULTIFUNCTION SYNTHESIZER
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com