Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLEDXUSXA Datasheet (PDF) - Littelfuse

PLEDXUSXA Datasheet PDF - Littelfuse
Part # PLEDXUSXA
Download  PLEDXUSXA Download
File Size   763.2 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PLED Open LED Protectors / High power PLED

PLEDXUSXA Datasheet (PDF)

Go To PDF Page Download Datasheet
PLEDXUSXA Datasheet PDF - Littelfuse

Part # PLEDXUSXA
Download  PLEDXUSXA Click to download

File Size   763.2 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PLED Open LED Protectors / High power PLED

PLEDXUSXA Datasheet (HTML) - Littelfuse


PLEDXUSXA Product details

Description
PLEDxUSxA open LED protectors provide an electronic
switching shunt path when an LED in an LED string fails as
an open circuit. This ensures that the remaining string of
LEDs will continue to function if a single LED does not.
The components is designed to enable higher reliability
in indoor LED lighting applications such as advertisement
lighting and other applications.
This series is compatible with one, two and three watt
LEDs that have a nominal 3V forward characteristic and
is available in an SMB surface mount package. The DO-
214AA (SMB) low profile package is ideal for dense board
applications.

Features & Benefits
• Ideal for protecting high
brightness LED with
high operating current at
specified condition.
• Fast switching
• Reverse Battery/Power
Protection
• Low profile, small foot
print standard DO-214AA
package
• Compatible with industrial
lighting environments
• IEC 61000-4-2 ESD 30kV
(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2 (IEC801-2)
• Compatible with PWM
frequencies up to 30 kHz
• RoHS compliant and
halogen-free
• Pb-free E3 means 2nd level
interconnect is Pb-free
and the terminal finish
material is tin(Sn) (IPC/
JEDEC J-STD-609A.01)
• Recognized to UL 497B
as an Isolated Loop Circuit
Protector




Similar Part No. - PLEDXUSXA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PLEDXUX-A LITTELFUSE-PLEDXUX-A Datasheet
881Kb / 5P
PLED Open LED Protectors / Automotive PLED Unidirectional Series
2019 Littelfuse, Inc.
More results


Similar Description - PLEDXUSXA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1332 ETC-SSD1332 Datasheet
367Kb / 24P
OLED/PLED Segment/Common Driver with Controller
logo
OPTEK Technologies
OPI155 OPTEK-OPI155 Datasheet
76Kb / 2P
High Speed Op tically Cou pled Isolator
logo
List of Unclassifed Man...
SSD1303 ETC1-SSD1303 Datasheet
567Kb / 56P
132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
OSD2002-2 ETC2-OSD2002-2 Datasheet
308Kb / 15P
PLED 20x2 Character Module Specifications
SSD1322 ETC1-SSD1322 Datasheet
1Mb / 56P
480 x 128, Dot Matrix High Power OLED/PLED Segment/Common Driver with Controller
SSD1306 ETC2-SSD1306 Datasheet
1Mb / 65P
128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SSD1305 ETC1-SSD1305 Datasheet
2Mb / 70P
132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
logo
Littelfuse
PLED64S LITTELFUSE-PLED64S Datasheet
509Kb / 4P
PLED Ultra Low Holding Current Series
2018 Littelfuse, Inc.
PLEDXS-A LITTELFUSE-PLEDXS-A Datasheet
821Kb / 5P
PLED Open LED Protectors / Automotive PLED Series
2019 Littelfuse, Inc.
PLEDXUX-A LITTELFUSE-PLEDXUX-A Datasheet
881Kb / 5P
PLED Open LED Protectors / Automotive PLED Unidirectional Series
2019 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com