Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3002903 Datasheet (PDF) - PHOENIX CONTACT

3002903 Datasheet PDF - PHOENIX CONTACT
Part # 3002903
Download  3002903 Download
File Size   436.55 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X1,5-G OG

3002903 Datasheet (PDF)

Go To PDF Page Download Datasheet
3002903 Datasheet PDF - PHOENIX CONTACT

Part # 3002903
Download  3002903 Click to download

File Size   436.55 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X1,5-G OG

3002903 Datasheet (HTML) - PHOENIX CONTACT


3002903 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 17.5 A, connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2,
mounting type: adhesive, color: orange

Your advantages
• Space-saving, thanks to the compact design
• Flexible use, thanks to DIN rail and direct mounting
• Space-saving potential distribution, thanks to compact micro potential distributors
• Convenient test options, thanks to test openings at every terminal point
• Clear arrangement thanks to marking of all terminal points




Similar Part No. - 3002903

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002900 PHOENIX-3002900 Datasheet
431Kb / 19P
Distribution block - PTFIX 6X1,5-G PK
Jul 6, 2022
3002901 PHOENIX-3002901 Datasheet
440Kb / 18P
Distribution block - PTFIX 12X1,5-G PK
Jul 21, 2022
3002902 PHOENIX-3002902 Datasheet
440Kb / 18P
Distribution block - PTFIX 18X1,5-G PK
Jul 21, 2022
3002904 PHOENIX-3002904 Datasheet
442Kb / 18P
Distribution block - PTFIX 12X1,5-G OG
Jul 21, 2022
3002905 PHOENIX-3002905 Datasheet
442Kb / 18P
Distribution block - PTFIX 18X1,5-G OG
Jul 21, 2022
More results


Similar Description - 3002903

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002877 PHOENIX-3002877 Datasheet
432Kb / 19P
Distribution block - PTFIX 6X1,5-G RD
Jun 7, 2022
3002887 PHOENIX-3002887 Datasheet
432Kb / 19P
Distribution block - PTFIX 6X1,5-G BN
Jun 16, 2022
3002893 PHOENIX-3002893 Datasheet
431Kb / 19P
Distribution block - PTFIX 6X1,5-G BK
Jun 16, 2022
3002792 PHOENIX-3002792 Datasheet
495Kb / 21P
Distribution block - PTFIX 6X1,5 OG
Jun 13, 2022
3002864 PHOENIX-3002864 Datasheet
433Kb / 19P
Distribution block - PTFIX 6X1,5-G BU
Jun 13, 2022
1047475 PHOENIX-1047475 Datasheet
527Kb / 22P
Distribution block - PTFIX 4/6X1,5 OG
Jun 24, 2022
3002896 PHOENIX-3002896 Datasheet
431Kb / 19P
Distribution block - PTFIX 6X1,5-G VT
Jul 6, 2022
3002900 PHOENIX-3002900 Datasheet
431Kb / 19P
Distribution block - PTFIX 6X1,5-G PK
Jul 6, 2022
1047499 PHOENIX-1047499 Datasheet
462Kb / 20P
Distribution block - PTFIX 4/6X1,5-NS15A OG
Jul 21, 2022
1047487 PHOENIX-1047487 Datasheet
462Kb / 19P
Distribution block - PTFIX 4/6X1,5-G OG
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com