Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273714 Datasheet (PDF) - PHOENIX CONTACT

3273714 Datasheet PDF - PHOENIX CONTACT
Part # 3273714
Download  3273714 Download
File Size   484.75 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X4-NS35A WH

3273714 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273714 Datasheet PDF - PHOENIX CONTACT

Part # 3273714
Download  3273714 Click to download

File Size   484.75 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X4-NS35A WH

3273714 Datasheet (HTML) - PHOENIX CONTACT


3273714 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with horizontal alignment, nom. voltage:
800 V, nominal current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6
mm2, mounting type: NS 35/7,5, NS 35/15, color: white

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology




Similar Part No. - 3273714

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273710 PHOENIX-3273710 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35A GN
3273712 PHOENIX-3273712 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35A BN
3273716 PHOENIX-3273716 Datasheet
133Kb / 11P
Distribution block - PTFIX 18X4-NS35A BK
09/12/2020
3273718 PHOENIX-3273718 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35A VT
3273719 PHOENIX-3273719 Datasheet
483Kb / 19P
Distribution block - PTFIX 18X4-NS35A PK
Jul 20, 2022
More results


Similar Description - 3273714

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273702 PHOENIX-3273702 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35A GY
3273708 PHOENIX-3273708 Datasheet
70Kb / 4P
Distribution block - PTFIX 18X4-NS35A YE
3273710 PHOENIX-3273710 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35A GN
3273718 PHOENIX-3273718 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35A VT
3273716 PHOENIX-3273716 Datasheet
133Kb / 11P
Distribution block - PTFIX 18X4-NS35A BK
09/12/2020
3273780 PHOENIX-3273780 Datasheet
484Kb / 20P
Distribution block - PTFIX 10/18X4-NS35A WH
Jun 16, 2022
3273704 PHOENIX-3273704 Datasheet
487Kb / 20P
Distribution block - PTFIX 18X4-NS35A BU
Jun 13, 2022
3273719 PHOENIX-3273719 Datasheet
483Kb / 19P
Distribution block - PTFIX 18X4-NS35A PK
Jul 20, 2022
3273720 PHOENIX-3273720 Datasheet
485Kb / 19P
Distribution block - PTFIX 18X4-NS35A OG
Jul 29, 2022
3273846 PHOENIX-3273846 Datasheet
555Kb / 22P
Distribution block - PTFIX 18X4 WH
Jun 23, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com