Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2549911 Datasheet (PDF) - Alpha Wire

2549911 Datasheet PDF - Alpha Wire
Part # 2549911_V01
Download  2549911 Download
File Size   98.86 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2549911 Datasheet (PDF)

Go To PDF Page Download Datasheet
2549911 Datasheet PDF - Alpha Wire

Part # 2549911_V01
Download  2549911 Click to download

File Size   98.86 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2549911 Datasheet (HTML) - Alpha Wire


2549911 Product details

Construction
Diameters (In)
1) Component 1 11 X 1 PAIR
a) Conductor 24 (7/32) AWG Tinned Copper 0.024
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.044
(1) Color Code Alpha Wire Color Code B
Pair Color Pair Color Pair Color
1 WHITE-BLACK 5 WHITE-YELLOW 9 WHITE-SLATE
2 WHITE-BROWN 6 WHITE-GREEN 10 BLACK-BROWN
3 WHITE-RED 7 WHITE-BLUE 11 BLACK-RED
4 WHITE-ORANGE 8 WHITE-VIOLET
c) Pair 2/Cond Cabled Together
(1) Twists: 9.6 Twists/foot (min)
2) Cable Assembly 11 Components Cabled
a) Twists: 2.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield: Alum/Mylar Tape, 20% Overlap, Min.
a) Foil Direction Foil Facing In
b) Drain Wire 24 (7/32) AWG Tinned Copper
4) Jacket
0.032" Wall, Nom.,Polyurethane
(TPU)
0.361 (0.382 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25499/11
XTRAGUARD(R) 2 RU AWM 20668 VW-1 --- LLXXXXXX CSA




Similar Part No. - 2549911_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Similar Description - 2549911_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com