Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5549911 Datasheet (PDF) - Alpha Wire

5549911 Datasheet PDF - Alpha Wire
Part # 5549911_V01
Download  5549911 Download
File Size   98.52 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

5549911 Datasheet (PDF)

Go To PDF Page Download Datasheet
5549911 Datasheet PDF - Alpha Wire

Part # 5549911_V01
Download  5549911 Click to download

File Size   98.52 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

5549911 Datasheet (HTML) - Alpha Wire


5549911 Product details

Construction
Diameters (In)
1) Component 1 11 X 1 PAIR
a) Conductor 24 (7/32) AWG Tinned Copper 0.024
b) Insulation 0.010" Wall, Nom. FEP 0.044
(1) Color Code Alpha Wire Color Code A
Pair Color Pair Color Pair Color
1 BLACK-RED 5 BLACK-BROWN 9 RED-WHITE
2 BLACK-WHITE 6 BLACK-YELLOW 10 RED-BLUE
3 BLACK-GREEN 7
BLACKORANGE
11 RED-YELLOW
4 BLACK-BLUE 8 RED-GREEN
c) Pair 2/Cond Cabled Together
(1) Twists: 9.6 Twists/foot (min)
2) Cable Assembly 11 Components Cabled
a) Twists: 2.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
PTFE(skived) Tape, 25% Overlap,
Min.
3) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing In
b) Drain Wire 24 (7/32) AWG Tinned Copper
4) Jacket 0.027" Wall, Nom.,FEP 0.355 (0.376 Max.)
a) Tint Color(s) Natural Tan, Slate, Black, Yellow, Orange, Blue, Green, Red, White
b) Ripcord
Para-Aramid fiber(Kevlar, Twaron or
equal)
c) Marker Tape ALPHA WIRE-*




Similar Part No. - 5549911_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5549911 ALPHAWIRE-5549911 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
More results


Similar Description - 5549911_V01

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com