Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05903 Datasheet (PDF) - Littelfuse

05903 Datasheet PDF - Littelfuse
Part # 05903
Download  05903 Download
File Size   158.02 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 24V 100A HIGH-CURRENT CUBE-STYLE DC COIL RELAY

05903 Datasheet (PDF)

Go To PDF Page Download Datasheet
05903 Datasheet PDF - Littelfuse

Part # 05903
Download  05903 Click to download

File Size   158.02 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 24V 100A HIGH-CURRENT CUBE-STYLE DC COIL RELAY

05903 Datasheet (HTML) - Littelfuse


05903 Product details

Description
The 05903 Series 24V 100A High-Current Relay is a
normally open, armature relay that can be used in heavy
trucks and commerical vehicles.
Glass-fiber-reinforced housing and a compact form help
ensure safe use in automotive applications. Configurations
of this cube relay are available with 12V and 24V coil
voltage ratings.

Applications
• Heavy trucks
• Commerical vehicles

Features and Benefits
• Continuous current rating of 100A for high-current
contact switching
• Glass-fiber-reinforced nylon housing enables use in
automotive applications
• Main contacts are rated for 24V
• Contact voltage drop of ≤40mV @ 40A
• Normally open (also known as monostable) relay design
• Armature relay uses a single coil that pulls down on an
armature to close the relay
• Coil voltage options include 12V and 24V




Similar Part No. - 05903

ManufacturerPart #DatasheetDescription
logo
Littelfuse
05903300 LITTELFUSE-05903300 Datasheet
93Kb / 1P
A remote control switch for automotive users
05903500 LITTELFUSE-05903500 Datasheet
93Kb / 1P
A remote control switch for automotive users
More results


Similar Description - 05903

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
37D-2-12-SLDT OENINDIA-37D-2-12-SLDT Datasheet
117Kb / 2P
ICE CUBE STYLE INDUSTRIAL RELAY
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
ICE CUBE STYLE INDUSTRIAL RELAY
38A-2-12-SL OENINDIA-38A-2-12-SL Datasheet
91Kb / 1P
ICE CUBE STYLE INDUSTRIAL RELAY
logo
XFMRS Inc.
XFSMC3-XXX XFMRS-XFSMC3-XXX Datasheet
525Kb / 6P
High-Current Cube Inductors
XFSMC2 XFMRS-XFSMC2 Datasheet
538Kb / 6P
High-Current Cube Inductors
XFSMC4 XFMRS-XFSMC4 Datasheet
525Kb / 6P
High Current Cube Inductors
logo
Wurth Elektronik GmbH &...
7443320047 WURTH-7443320047_15 Datasheet
1Mb / 6P
WE-HCC SMD High Current Cube Inductor
7443320220 WURTH-7443320220_15 Datasheet
1Mb / 6P
WE-HCC SMD High Current Cube Inductor
7443330680 WURTH-7443330680_15 Datasheet
1Mb / 6P
WE-HCC SMD High Current Cube Inductor
logo
TT Electronics.
HM37 TTELEC-HM37 Datasheet
578Kb / 2P
High Current Low Loss Ferrite Cube Inductors
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com