Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24636 Datasheet (PDF) - Littelfuse

24636 Datasheet PDF - Littelfuse
Part # 24636
Download  24636 Download
File Size   553.4 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PLASTIC BODY SOLENOIDS

24636 Datasheet (PDF)

Go To PDF Page Download Datasheet
24636 Datasheet PDF - Littelfuse

Part # 24636
Download  24636 Click to download

File Size   553.4 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PLASTIC BODY SOLENOIDS

24636 Datasheet (HTML) - Littelfuse


24636 Product details

Description
Sealed solenoids are protected against ingress of moisture
or contaminants such as oil or gasoline. Maximum
operating voltage 14V DC. Cycle life: 10,000 min.

Features and Benefits
• Glass-filled nylon construction. Lightweight, durable
and resistant to corrosion.
• Perfect for a wide variety of applications.
• Resistant to high or low temperatures (-40° C to 60° C)
• Many configurations: multiple mountings and
terminals; sealed/unsealed; 12V – 48V.




Similar Part No. - 24636

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24636100 TOSHIBA-24636100 Datasheet
7Mb / 39P
TOSHIBA COLOUR TELEVISION
1990
More results


Similar Description - 24636

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-70 AZETTLER-ZCS1-70 Datasheet
173Kb / 3P
HIGH CURRENT SOLENOIDS
logo
American Electronic Com...
DG34A AEC-DG34A Datasheet
364Kb / 3P
Optional version for starter solenoids
logo
Molex Electronics Ltd.
1060598100 MOLEX1-1060598100 Datasheet
39Kb / 1P
Optical Industrial Plug Connector, Plastic Body, LC, Multimode
logo
Littelfuse
00603400 LITTELFUSE-00603400 Datasheet
127Kb / 1P
13-Pole Plastic Body Plugs ??12V ??ISO 11446
logo
SHINMEI ELECTRIC CO., L...
DF2024 SHINMEI-DF2024 Datasheet
41Kb / 2P
Flapper Type SOLENOIDS DF2024 Series
DL0512S2 SHINMEI-DL0512S2 Datasheet
37Kb / 2P
Small Self-Latching Type Solenoids DL0512S2 Series
DP0712B SHINMEI-DP0712B Datasheet
50Kb / 2P
Pull-in Type Solenoids DP0712B Series
DP1015C SHINMEI-DP1015C Datasheet
52Kb / 2P
Pull-in Type SOLENOIDS DP1015C Series
DP1020C SHINMEI-DP1020C Datasheet
57Kb / 2P
Pull-in Type SOLENOIDS DP1020C Series
logo
Littelfuse
24080 LITTELFUSE-24080 Datasheet
740Kb / 2P
CONTINUOUS DUTY SOLENOIDS
2020 Rev: 121520-B
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com