Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCNLEV100-BAS Datasheet (PDF) - Littelfuse

DCNLEV100-BAS Datasheet PDF - Littelfuse
Part # DCNLEV100-BAS
Download  DCNLEV100-BAS Download
File Size   836.66 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY

DCNLEV100-BAS Datasheet (PDF)

Go To PDF Page Download Datasheet
DCNLEV100-BAS Datasheet PDF - Littelfuse

Part # DCNLEV100-BAS
Download  DCNLEV100-BAS Click to download

File Size   836.66 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description DCNLEV100 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY

DCNLEV100-BAS Datasheet (HTML) - Littelfuse


DCNLEV100-BAS Product details

Description
High current and high voltage DC contactor relays for electric
vehicle applications such as battery power supply, charging
pill, motor control, circuit insulation, circuit protection, and
also safety devices for industrial machinery. Available with
polarized and non-polarized contacts to best suit electrical
systems’ polarity.

Features and Benefits
• High current (100A) and high voltage (750V) contactor for
EV applications
• Compact structure, helping reduce noise when turned on
• Sealed IP67, gas-filled relay which mitigates arcing
• No mounting orientation restrictions
• Designed and manufactured under the IATF16949
certification for Automotive Quality Systems.
• Designed specifically for automotive applications.

Applications
• Battery Electric Vehicles
• Hybrid Electric Vehicles
• Material Handling
• Electric Maintenance and Transport Vehicles
• Industrial applications




Similar Part No. - DCNLEV100-BAS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DCNLEV50 LITTELFUSE-DCNLEV50 Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNLEV50-B LITTELFUSE-DCNLEV50-B Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNLEV50-BA LITTELFUSE-DCNLEV50-BA Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNLEV50-BAN LITTELFUSE-DCNLEV50-BAN Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNLEV50-BAS LITTELFUSE-DCNLEV50-BAS Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
More results


Similar Description - DCNLEV100-BAS

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
DH20 DONGYA-DH20 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH100 DONGYA-DH100 Datasheet
1Mb / 2P
High Voltage DC Contactor
logo
Littelfuse
DCNEV150 LITTELFUSE-DCNEV150 Datasheet
805Kb / 3P
DCNEV150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEV250 LITTELFUSE-DCNEV250 Datasheet
1Mb / 4P
DCNEV250 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT150 LITTELFUSE-DCNEVT150 Datasheet
1Mb / 3P
DCNEVT150 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-C
DCNEVT350 LITTELFUSE-DCNEVT350 Datasheet
896Kb / 3P
DCNEVT350 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-D
DCNEVT400 LITTELFUSE-DCNEVT400 Datasheet
865Kb / 3P
DCNEVT400 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-D
DCNEVT500 LITTELFUSE-DCNEVT500 Datasheet
670Kb / 3P
DCNEVT500 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 050222-E
DCNLEV50 LITTELFUSE-DCNLEV50 Datasheet
441Kb / 3P
DCNLEV50 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060722-C
DCNSEV30 LITTELFUSE-DCNSEV30 Datasheet
643Kb / 2P
DCNSEV30 SERIES HIGH CURRENT HIGH VOLTAGE DC CONTACTOR RELAY
2022 Rev: 060222-D
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com