Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCNLM50 Datasheet (PDF) - Littelfuse

DCNLM50 Datasheet PDF - Littelfuse
Part # DCNLM50
Download  DCNLM50 Download
File Size   467.92 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 60V DC MAX CONTACTOR RELAY

DCNLM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCNLM50 Datasheet PDF - Littelfuse

Part # DCNLM50
Download  DCNLM50 Click to download

File Size   467.92 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 60V DC MAX CONTACTOR RELAY

DCNLM50 Datasheet (HTML) - Littelfuse


DCNLM50 Product details

Description
The DCNLM Series 48V High-Current DC Contactor Relay
is available up to 400A contact switching capability as well
as multiple coil voltage options to suit a wide variety of
applications, including use in electrical control systems for
communication power supplies, industrial machines, and
uninterruptible power supplies (UPS).
The DCNLM normally open, high-current DC contactor
features 48V non-polarized main contacts and is available
in single-coil and double-coil configurations.

Applications
• Communication Power Supplies
• UPS

Features and Benefits
• Available up to 400A contact switching capability
• Main contacts are rated for 48V (typical) and 60V (max)
• Coil voltage options include 12V, 24V, 48V, and 60V
• Available in single-coil and double-coil configurations
• Normally open, monostable relay design
• Non-polarized main contacts




Similar Part No. - DCNLM50

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DCNLB LITTELFUSE-DCNLB Datasheet
291Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc 081122-A
DCNLB100NB LITTELFUSE-DCNLB100NB Datasheet
291Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc 081122-A
DCNLB100NB48 LITTELFUSE-DCNLB100NB48 Datasheet
291Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc 081122-A
DCNLB200NB LITTELFUSE-DCNLB200NB Datasheet
291Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc 081122-A
DCNLB200NB24 LITTELFUSE-DCNLB200NB24 Datasheet
291Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc 081122-A
More results


Similar Description - DCNLM50

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
BZJ-50D DONGYA-BZJ-50D Datasheet
175Kb / 1P
DC Contactor
ZLJM-50A DONGYA-ZLJM-50A Datasheet
98Kb / 3P
DC Contactor
ZLJM-80D DONGYA-ZLJM-80D Datasheet
292Kb / 1P
DC Contactor
ZLJM-100A DONGYA-ZLJM-100A Datasheet
179Kb / 1P
DC Contactor
ZLJM-200D DONGYA-ZLJM-200D Datasheet
60Kb / 2P
DC Contactor
ZLJM-300D DONGYA-ZLJM-300D Datasheet
241Kb / 1P
DC Contactor
ZLJM-800D DONGYA-ZLJM-800D Datasheet
238Kb / 1P
DC Contactor
logo
Littelfuse
DCNHR LITTELFUSE-DCNHR Datasheet
259Kb / 5P
900V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc. 081722-A
DCNLB LITTELFUSE-DCNLB Datasheet
291Kb / 4P
60V DC MAX CONTACTOR RELAY
2022 Littelfuse, Inc 081122-A
logo
ABB
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com