Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2141A Datasheet (PDF) - Belden Inc.

2141A Datasheet PDF - Belden Inc.
Part # 2141A
Download  2141A Download
File Size   156.21 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH

2141A Datasheet (PDF)

Go To PDF Page Download Datasheet
2141A Datasheet PDF - Belden Inc.

Part # 2141A
Download  2141A Click to download

File Size   156.21 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, OSP/CM-LS, LSZH

2141A Datasheet (HTML) - Belden Inc.


2141A Product details

Product Description
Category 6A Premise Horizontal Cable (500 MHz), Indoor/Outdoor OSP/CM-LS, 4 Pair, 23 AWG Solid Bare Copper Conductors, Haloarrest® LSZH Inner
Jacket, F/UTP - Foil Shielded, Gel-Filled, UV Resistant Flame Retardant Haloarrest® LSZH Outer Jacket




Similar Part No. - 2141A

ManufacturerPart #DatasheetDescription
logo
Heyco.
2141 HEYCO-2141 Datasheet
106Kb / 1P
Snap Bushings
logo
CEE Norm UK Ltd
2141 CEENORM-2141 Datasheet
419Kb / 2P
Plugs
logo
Multicomp Pro
2141 MULTICOMP-2141 Datasheet
151Kb / 1P
Inlet Receptacle, Male, AC Power
07/12/16 V1.0
logo
RUKO GmbH Präzisionswe...
214100 RUKO-214100 Datasheet
505Kb / 2P
Twist drills DIN 338 type N HSS ground, with split point
214101 RUKO-214101 Datasheet
505Kb / 2P
Twist drills DIN 338 type N HSS ground, with split point
More results


Similar Description - 2141A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1633VNH BELDEN-1633VNH Datasheet
170Kb / 3P
DNV GL, Shipboard, Category 5e Cable, 4 Pair, F/UTP, LSZH Indoor
2022 Belden, Inc
2137A BELDEN-2137A Datasheet
164Kb / 3P
Category 5e Indoor/Outdoor OSP/CM-LS LSZH Cable
2022 Belden, Inc
2139A BELDEN-2139A Datasheet
161Kb / 2P
Category 5e Indoor/Outdoor Cable, 25 Pair, F/UTP, OSP/CM-LS, LSZH, CAT Armor
2022 Belden, Inc
10GXE00 BELDEN-10GXE00 Datasheet
163Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, F/UTP, LSZH Indoor CPR Eca
2022 Belden, Inc
2142A BELDEN-2142A Datasheet
154Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMR/CMX
2022 Belden, Inc
2147A BELDEN-2147A Datasheet
164Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, U/UTP, OSP/CM-LS, LSZH
2022 Belden, Inc
DOSP6AF BELDEN-DOSP6AF Datasheet
158Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Free
2022 Belden, Inc
DOSP6AU BELDEN-DOSP6AU Datasheet
158Kb / 2P
Category 6A OSP Cable, 4 Pair, U/UTP, Gel Free
2022 Belden, Inc
IOP6AF BELDEN-IOP6AF Datasheet
158Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
2022 Belden, Inc
OSP6AF BELDEN-OSP6AF Datasheet
163Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Filled
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com