Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2904C Datasheet (PDF) - New Japan Radio

NJM2904C Datasheet PDF - New Japan Radio
Part # NJM2904C
Download  NJM2904C Download
File Size   781.98 Kbytes
Page   10 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER

NJM2904C Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2904C Datasheet PDF - New Japan Radio

Part # NJM2904C
Download  NJM2904C Click to download

File Size   781.98 Kbytes
Page   10 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER

NJM2904C Datasheet (HTML) - New Japan Radio


NJM2904C Product details

■ GENERAL DESCRIPTION ■
The NJM2904C / NJM2904CA consists of two independent, high gain,
internally frequency compensated operation amplifiers, which were
designed specifically to operate from a single power supply over a wide
range of voltages. Operation from split power supplies is also possible and
the low power supply current drain is independent of the magnitude of the
power supply voltage.
Application areas include transducer amplifiers, DC gain blocks, and all
the conventional op amp circuits, which now can be more easily
implemented in single power supply systems. For example, the NJM2904C
can be directly operated off of the standard +5V power supply voltage,
which is used in digital systems and will easily provide the required interface
electronics without requiring the additional ±15V power supplies.

■ FEATURES
● Single Supply
● Operating Voltage +3V to +32V
● Low Operating Current 0.7mA typ.
● Slew Rate 0.6V/μs typ.
● Bipolar Technology
● Package Outline SOP8, DMP8 ,SSOP8, EQFN12-E2,
MSOP8 (TVSP8) **MEET JEDEC MO-187-DA / THIN TYPE
● Internal ESD protection Human body model (HBM) ±2000V typ.
● Wide temperature range -40℃ to +125℃
● Input Offset Voltage Grade




Similar Part No. - NJM2904C

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM2904C NISSHINBO-NJM2904C Datasheet
1Mb / 26P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.13
NJM2904CA NISSHINBO-NJM2904CA Datasheet
1Mb / 26P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.13
NJM2904CAG NISSHINBO-NJM2904CAG Datasheet
1Mb / 26P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.13
NJM2904CAM NISSHINBO-NJM2904CAM Datasheet
1Mb / 26P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.13
NJM2904CARB1 NISSHINBO-NJM2904CARB1 Datasheet
1Mb / 26P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.13
More results


Similar Description - NJM2904C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM3404A NJRC-NJM3404A Datasheet
228Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER?
logo
Analog Devices
SSM2135 AD-SSM2135 Datasheet
299Kb / 12P
Dual Single-Supply Audio Operational Amplifier
REV.D
logo
Burr-Brown (TI)
OPA2634 BURR-BROWN-OPA2634 Datasheet
143Kb / 16P
Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135 AD-SSM2135_03 Datasheet
468Kb / 16P
Dual Single-Supply Audio Operational Amplifier
REV. E
logo
Unisonic Technologies
M2904 UTC-M2904_10 Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
logo
New Japan Radio
NJM2904M-TE1 NJRC-NJM2904M-TE1 Datasheet
207Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2634 TI1-OPA2634 Datasheet
278Kb / 17P
Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com