Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJMOP277FR Datasheet (PDF) - New Japan Radio

NJMOP277FR Datasheet PDF - New Japan Radio
Part # NJMOP277FR
Download  NJMOP277FR Download
File Size   3352.59 Kbytes
Page   24 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Excellent EMI Immunity Low Noise, Precision Operational Amplifiers

NJMOP277FR Datasheet (PDF)

Go To PDF Page Download Datasheet
NJMOP277FR Datasheet PDF - New Japan Radio

Part # NJMOP277FR
Download  NJMOP277FR Click to download

File Size   3352.59 Kbytes
Page   24 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Excellent EMI Immunity Low Noise, Precision Operational Amplifiers

NJMOP277FR Datasheet (HTML) - New Japan Radio


NJMOP277FR Product details

■ FEATURES(V+=5V, V-=0V, Ta=25°C)
● Precision VIO=50μV max.
VIO=100μV max.(-40°C to +125°C)
● Low Offset Drift 0.6μV/°C max.
● Integrated EMI filter EMIRR=78dB typ. @ f=900MHz
● Low Bias Current 2.5nA max.
● Low Noise 8nV/√Hz typ. @ f=1kHz
● Unity Gain Stable
● No Phase Reversal
● Supply Voltage ±2.25V to ±18V
● Operating Temperature -40°C to +125°C
● Package
NJMOP277 SOP8 JEDEC150mil, MSOP8 (VSP8)*
NJMOP2277 SOP8 JEDEC150mil, MSOP8 (VSP8)*
DFN8-W2 (ESON8-W2)(3mm x 3mm)
*meet JEDEC MO-187-DA

■ GENERAL DESCRIPTION
The NJMOP277 (Single) / NJMOP2277 (Dual) are high
precision operational amplifiers featuring low offset voltage
drift of top-class, low offset voltage and low noise and high
voltage gain. The NJMOP277 / NJMOP2277 excellent
electrical characteristics are guaranteed over a wide
operating range (-40°C to +125°C, ±5V to ±15V).
Therefore, it is most suitable for measuring instruments that
require stability against ambient temperature change and/or
for applications such as configuring high gain circuits to
process very small signals.
Moreover, they have the advantage very small package and
high RF noise immunity. It is easy to replacement from defact
standard precision operational amplifier: OP-177 series and
to design against RF immunity, too.




Similar Part No. - NJMOP277FR

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJMOP277FR NISSHINBO-NJMOP277FR Datasheet
2Mb / 34P
High EMC Performance, Low Noise, Precision Operational Amplifiers
Ver.3.0
More results


Similar Description - NJMOP277FR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Sep-1997
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Oct-2001
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Nisshinbo Micro Devices...
NJU77572 NISSHINBO-NJU77572 Datasheet
1Mb / 22P
10MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
June 29, 2022 Ver.1.0
NJU77580 NISSHINBO-NJU77580 Datasheet
1Mb / 33P
20MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
May 24, 2022 Ver.1.2
logo
New Japan Radio
NJU7066 NJRC-NJU7066 Datasheet
1Mb / 18P
PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS
Ver.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com