Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7009F3 Datasheet (PDF) - New Japan Radio

NJU7009F3 Datasheet PDF - New Japan Radio
Part # NJU7009F3
Download  NJU7009F3 Download
File Size   507.24 Kbytes
Page   12 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier

NJU7009F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7009F3 Datasheet PDF - New Japan Radio

Part # NJU7009F3
Download  NJU7009F3 Click to download

File Size   507.24 Kbytes
Page   12 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier

NJU7009F3 Datasheet (HTML) - New Japan Radio


NJU7009F3 Product details

■ GENERAL DESCRIPTION
The NJU7009 is a CMOS operational amplifier that feature
low noise as 13nV/√Hz typ. @ f=1kHz, low operating voltage.
FET input devices provide very low input bias current and
suitable for applications uses current signal such as
accelerometers, shock sensors and photodiode amplifiers.

■ FEATURES
●Input-Referred Voltage Noise 13nV/√Hz Typ. @ f=1kHz
3μVrms max. @ f=100Hz~20kHz
●Input Bias Current 1pA Typ. @ Ta=25oC
●Unity Gain Band Width fT=3MHz Typ.
●Slew Rate 1V/μs Typ. @ RL=50kΩ
●Rail-to-Rail Output
●Operating Voltage 2.2V to 5.5V
●CMOS Technology
●Small Package SC88A [F3 Type] (SC70-5)




Similar Part No. - NJU7009F3

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7009 NISSHINBO-NJU7009 Datasheet
507Kb / 12P
Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
New Japan Radio
NJU7009RB1 NJRC-NJU7009RB1 Datasheet
550Kb / 13P
Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7009V NJRC-NJU7009V Datasheet
550Kb / 13P
Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
More results


Similar Description - NJU7009F3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
OP150 AD-OP150 Datasheet
65Kb / 5P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
logo
New Japan Radio
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Rohm
LMR376YG-C ROHM-LMR376YG-C Datasheet
1Mb / 20P
Automotive Low Offset Low Noise & Rail-to-Rail Input/Output CMOS Operational Amplifier
10.Feb.2023 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com