Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7098AF1 Datasheet (PDF) - New Japan Radio

NJU7098AF1 Datasheet PDF - New Japan Radio
Part # NJU7098AF1
Download  NJU7098AF1 Download
File Size   1018.06 Kbytes
Page   13 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 0.05μV/°C max, Zero-Drift, Single Supply Rail-to-Rail Output CMOS Operational Amplifier

NJU7098AF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7098AF1 Datasheet PDF - New Japan Radio

Part # NJU7098AF1
Download  NJU7098AF1 Click to download

File Size   1018.06 Kbytes
Page   13 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 0.05μV/°C max, Zero-Drift, Single Supply Rail-to-Rail Output CMOS Operational Amplifier

NJU7098AF1 Datasheet (HTML) - New Japan Radio


NJU7098AF1 Product details

FEATURES(V+=5V typ.)
●Low Offset Voltage 15μV max.
●Zero-Drift 0.05μV/°C max.
●Supply Voltage Range 3V to 10V
●Rail-to-Rail Output (RL=10kΩ) 20mV from rail
●Output Current (Vo=4.5V at V+=5V) 30mA
●DC Precision
Open-Loop Voltage Gain 140dB
CMR, SVR 130dB
●Supply Current 0.6mA
●Shutdown
●RF-Noise immunity
●Ground Sense
●Overload Recovery Time 0.45ms
●Package SOT-23-6-1

DESCRIPTION
The NJU7098A is a low offset voltage and
zero-drift operational amplifier. With an maximum
input offset voltage of 15μV and offset drift of
0.05μV/°C, The NJU7098A is suitable for applications
in which error sources cannot be tolerated.
The NJU7098A operate from 3V to 10V with single
supply. Rail-to-rail output swing , input common
mode voltage within negative rail and 30mA high
output current capability provided by the NJU7098A
make low-side sensing or precision output buffer
easy.
The almost zero DC offset and offset drift are
supported with a power supply rejection ratio and
common mode rejection ratio at 130dB. Futuremore,
typical open-loop voltage gain is 140dB.
The NJU7098 includes a shutdown mode. Under
logic control, the amplifiers can be switched from
normal operation to shutdown current that is 15μA
max and the output placed in a high- impedance
state.
The NJU7098A is available in 6-pin SOT-23
package.




Similar Part No. - NJU7098AF1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7098AF1-C NJRC-NJU7098AF1-C Datasheet
1Mb / 16P
0.05μV/°C max, Zero-Drift, Single Supply, Rail-to-Rail Output CMOS Operational Amplifier
Ver.1.0
logo
Nisshinbo Micro Devices...
NJU7098AF1-C NISSHINBO-NJU7098AF1-C Datasheet
1Mb / 16P
0.05μV/°C max, Zero-Drift, Single Supply, Rail-to-Rail Output CMOS Operational Amplifier
Ver.1.0
More results


Similar Description - NJU7098AF1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8629 AD-AD8629 Datasheet
476Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
10/04-Data Sheet Changed from Rev. B to Rev. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
AD8628 AD-AD8628_08 Datasheet
432Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8629S AD-AD8629S Datasheet
138Kb / 8P
Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Rev. C
AD8628 AD-AD8628 Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
27-Sep-2017
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
Analog Devices
AD8629-EP AD-AD8629-EP Datasheet
252Kb / 8P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. A
logo
New Japan Radio
NJU7098AF1-C NJRC-NJU7098AF1-C Datasheet
1Mb / 16P
0.05μV/°C max, Zero-Drift, Single Supply, Rail-to-Rail Output CMOS Operational Amplifier
Ver.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com