Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7890Z Datasheet (PDF) - New Japan Radio

NJU7890Z Datasheet PDF - New Japan Radio
Part # NJU7890Z
Download  NJU7890Z Download
File Size   2634.15 Kbytes
Page   19 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1000V High Voltage Monitor IC

NJU7890Z Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU7890Z Datasheet PDF - New Japan Radio

Part # NJU7890Z
Download  NJU7890Z Click to download

File Size   2634.15 Kbytes
Page   19 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 1000V High Voltage Monitor IC

NJU7890Z Datasheet (HTML) - New Japan Radio


NJU7890Z Product details

■ FEATURES
● AEC-Q100 Grade 1 Qualified
● Operation Voltage Range 2.2V to 5.5V
● Common Mode Input Voltage Range 1000V
● Differential Input Voltage ±1000V
● High Precision Attenuation Rate
±1% (Ta = −40°C to 125°C)
● High Input Resistance 30MΩ min.
● Integrated EMI filter
● Operating Temperature −40°C to 125°C
● Package PMAP11-PM
New Package for Creepage Distance (IEC/EN60664)

■ GENERAL DESCRIPTION
The NJU7890 is a high voltage monitor IC capable of inputting
voltages up to 1000V. With our proprietary semiconductor
process technology, NJU7890 realizes wide common mode /
differential input voltage.
The NJU7890 is suitable for powertrain application such as
HV and EV.




Similar Part No. - NJU7890Z

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7890 NISSHINBO-NJU7890 Datasheet
2Mb / 19P
1000V High Voltage Monitor IC
Ver.3.0
NJU7890YPM-A-Z NISSHINBO-NJU7890YPM-A-Z Datasheet
2Mb / 19P
1000V High Voltage Monitor IC
Ver.3.0
NJU7890YPM-B-Z NISSHINBO-NJU7890YPM-B-Z Datasheet
2Mb / 19P
1000V High Voltage Monitor IC
Ver.3.0
More results


Similar Description - NJU7890Z

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
Power Monitor IC
KOM-1021 KODENSHI-KOM-1021 Datasheet
242Kb / 1P
Power Monitor IC
KOM-5121 KODENSHI-KOM-5121 Datasheet
236Kb / 1P
Power Monitor IC
logo
ATMEL Corporation
U4793B ATMEL-U4793B Datasheet
130Kb / 6P
CURRENT MONITOR IC
U4793B ATMEL-U4793B_05 Datasheet
178Kb / 8P
Current Monitor IC
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
CMOS IC Battery Monitor IC
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
Battery Monitor IC
May, 2013 Ver.1.5
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
LC809202F ONSEMI-LC809202F Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
logo
Mitsumi Electronics, Co...
MM3513 MITSUMI-MM3513 Datasheet
44Kb / 2P
Voltage Monitor IC for Li-ion Cell Balance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com