Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66700P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M66700P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M66700P
Download  M66700P Download
File Size   71.82 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DUAL HIGH-SPEED CCD CLOCK DRIVER

M66700P Datasheet (PDF)

Go To PDF Page Download Datasheet
M66700P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M66700P
Download  M66700P Click to download

File Size   71.82 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DUAL HIGH-SPEED CCD CLOCK DRIVER

M66700P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M66700P Product details

DESCRIPTION
M66700 Semiconductor Integrated Circuit is built in facsimiles and photocopiers to drive CCD linear image sensor data transfer clocks at high speeds. Because this IC takes in data on the TTL (Transistor-transistor logic) level, it can be driven directly by a TTL integrated circuit.

FEATURES
• Output logic amplitude: 12V
• High-speed rise/fall time
   tr = tf = 33ns (typical)
   CL = 1000pF
• High output “H” level voltage: (VCC – 1) V minimum
• Low output “L” level voltage: 0.5V maximum
• TTL input level
• Package with improved allowable power dissipation (WP) characteristic

APPLICATION
   Driving of CCD image sensors in facsimiles, image scanners and photocopiers




Similar Part No. - M66700P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
More results


Similar Description - M66700P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
CCD Clock Driver
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
CCD Clock Driver?
logo
Sony Corporation
CXD1268M SONY-CXD1268M Datasheet
112Kb / 7P
CCD Vertical Clock Driver
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
logo
Toshiba Semiconductor
TB62801F TOSHIBA-TB62801F Datasheet
367Kb / 20P
Linear CCD Clock Driver
TB62801FG TOSHIBA-TB62801FG Datasheet
366Kb / 21P
Linear CCD Clock Driver
logo
Intersil Corporation
ISL55112 INTERSIL-ISL55112 Datasheet
487Kb / 20P
High-Speed Dual Precision CCD Driver
September 23, 2009
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com