Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB120 Datasheet (PDF) - Pan Jit International Inc.

SB120 Datasheet PDF - Pan Jit International Inc.
Part # SB120
Download  SB120 Download
File Size   45.62 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)

SB120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB120 Datasheet PDF - Pan Jit International Inc.

Part # SB120
Download  SB120 Click to download

File Size   45.62 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)

SB120 Datasheet (HTML) - Pan Jit International Inc.


SB120 Product details

VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere

FEATURES
• Plastic package has Underwriters Laboratory
  Flammability Classification 94V-O utilizing
  Flame Retardant Epoxy Molding Compound.
• 1 ampere operation at TA =75°C with no
   thermal runaway.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage,high frequency inverters ,free wheeling ,
   and polarity protection applications .

MECHANICAL DATA
   Case: DO-41 Molded plastic
   Terminals: Axial leads, solderable per MIL-STD-202,Method 208
   Polarity: Color band denotes cathode
   Mounting Position: Any
   Weight: 0.012 ounces, 0.34grams




Similar Part No. - SB120

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB120 ZOWIE-SB120 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB120 SSE-SB120 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120 Datasheet
74Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
DS23022 Rev. 4 - 2
More results


Similar Description - SB120

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
GOOD-ARK Electronics
SB170S GOOD-ARK-SB170S Datasheet
553Kb / 2P
1.0 Amp Schottky Barrier Rectifiers Voltage Range 70 to 100 volts Forward Current 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001GP DAESAN-1N4001GP Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1300 Volts
ES1A DAESAN-ES1A Datasheet
410Kb / 3P
CURRENT 1.0 Ampere VOLTAGE 50 to 400 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
GOOD-ARK Electronics
SB170 GOOD-ARK-SB170_15 Datasheet
152Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 1.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com