Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1709791 Datasheet (PDF) - PHOENIX CONTACT

1709791 Datasheet PDF - PHOENIX CONTACT
Part # 1709791
Download  1709791 Download
File Size   394.45 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MSTB 2,5/ 2-STZ-5,08

1709791 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709791 Datasheet PDF - PHOENIX CONTACT

Part # 1709791
Download  1709791 Click to download

File Size   394.45 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MSTB 2,5/ 2-STZ-5,08

1709791 Datasheet (HTML) - PHOENIX CONTACT


1709791 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 2, number of rows: 1, number of positions: 2, number of connections: 2, product
range: MSTB 2,5/..-STZ, pitch: 5.08 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: -
Locking clip, plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point
• Allows connection of two conductors




Similar Part No. - 1709791

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170970 FESTO-170970 Datasheet
90Kb / 2P
Guided actuator
logo
PHOENIX CONTACT
1709704 PHOENIX-1709704 Datasheet
89Kb / 5P
Single PCB terminal block - MKDS 10 HV/ 4-ZB-10.16
logo
Festo Corporation.
170971 FESTO-170971 Datasheet
91Kb / 2P
Guided actuator
logo
PHOENIX CONTACT
1709717 PHOENIX-1709717 Datasheet
86Kb / 5P
Single PCB terminal block - MKDS 10 HV/ 5-ZB-10,16
logo
Festo Corporation.
170972 FESTO-170972 Datasheet
90Kb / 2P
Guided actuator
More results


Similar Description - 1709791

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1776155 PHOENIX-1776155 Datasheet
139Kb / 10P
Printed-circuit board connector - MSTB 2,5/ 4-STZ-5,08
1776168 PHOENIX-1776168 Datasheet
150Kb / 7P
MSTB 2,5/ 3-STZ-5,08
1764248 PHOENIX-1764248 Datasheet
129Kb / 11P
Printed-circuit board connector - MSTB 2,5/16-STZ-5,08
1823846 PHOENIX-1823846 Datasheet
158Kb / 6P
ICC 2,5/ 2-STZ-5,08
1709288 PHOENIX-1709288 Datasheet
41Kb / 2P
MSTB 2,5/ 8-STZ-5,08 OG
1709290 PHOENIX-1709290 Datasheet
41Kb / 2P
MSTB 2,5/ 3-STZ-5,08 RD
1730702 PHOENIX-1730702 Datasheet
96Kb / 2P
MSTB 2,5/ 3-STZ-5,08 YE
1776184 PHOENIX-1776184 Datasheet
117Kb / 7P
MSTB 2,5/ 6-STZ-5,08 BK
1764251 PHOENIX-1764251 Datasheet
58Kb / 4P
Printed-circuit board connector - MSTB 2,5/15-STZ-5,08
1809640 PHOENIX-1809640 Datasheet
597Kb / 17P
MSTBC 2,5/16-STZ-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com