Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1748011 Datasheet (PDF) - PHOENIX CONTACT

1748011 Datasheet PDF - PHOENIX CONTACT
Part # 1748011
Download  1748011 Download
File Size   1461.76 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - FMC 1,5/ 6-ST-3,81

1748011 Datasheet (PDF)

Go To PDF Page Download Datasheet
1748011 Datasheet PDF - PHOENIX CONTACT

Part # 1748011
Download  1748011 Click to download

File Size   1461.76 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - FMC 1,5/ 6-ST-3,81

1748011 Datasheet (HTML) - PHOENIX CONTACT


1748011 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: FMC 1,5/..-
ST, pitch: 3.81 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, plug-in system: COMBICON MC 1,5, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Operation and conductor connection from one direction enable integration into front of device




Similar Part No. - 1748011

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748010000 WEIDMULLER-1748010000 Datasheet
84Kb / 5P
PCB connection systems
1748010000 WEIDMULLER-1748010000 Datasheet
84Kb / 5P
PCB connection systems
1748010000 WEIDMULLER-1748010000 Datasheet
84Kb / 5P
PCB connection systems
1748010000 WEIDMULLER-1748010000 Datasheet
83Kb / 5P
B2L 3.5/12 F SN OR
1748010000 WEIDMULLER-1748010000 Datasheet
83Kb / 5P
B2L 3.5/28 F SN OR
More results


Similar Description - 1748011

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1748024 PHOENIX-1748024 Datasheet
187Kb / 13P
Printed-circuit board connector - FMC 1,5/ 7-ST-3,81
1748053 PHOENIX-1748053 Datasheet
80Kb / 5P
Printed-circuit board connector - FMC 1,5/10-ST-3,81
1703576 PHOENIX-1703576 Datasheet
79Kb / 4P
Printed-circuit board connector - FMC 1,5/ 6-ST-3,81 BK
1748134 PHOENIX-1748134 Datasheet
69Kb / 4P
Printed-circuit board connector - FMC 1,5/18-ST-3,81
1748147 PHOENIX-1748147 Datasheet
69Kb / 4P
Printed-circuit board connector - FMC 1,5/19-ST-3,81
1745917 PHOENIX-1745917 Datasheet
180Kb / 13P
Printed-circuit board connector - FMC 1,5/ 4-ST-3,81
09/12/2020
1748082 PHOENIX-1748082 Datasheet
369Kb / 17P
Printed-circuit board connector - FMC 1,5/13-ST-3,81
09/12/2020
1748037 PHOENIX-1748037 Datasheet
1Mb / 20P
Printed-circuit board connector - FMC 1,5/ 8-ST-3,81
Jul 21, 2022
1748118 PHOENIX-1748118 Datasheet
1Mb / 20P
Printed-circuit board connector - FMC 1,5/16-ST-3,81
1748066 PHOENIX-1748066 Datasheet
1Mb / 21P
FMC 1,5/11-ST-3,81 - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com