Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1985807 Datasheet (PDF) - PHOENIX CONTACT

1985807 Datasheet PDF - PHOENIX CONTACT
Part # 1985807
Download  1985807 Download
File Size   345.04 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 1/ 2-3,5 HT BK

1985807 Datasheet (PDF)

Go To PDF Page Download Datasheet
1985807 Datasheet PDF - PHOENIX CONTACT

Part # 1985807
Download  1985807 Click to download

File Size   345.04 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 1/ 2-3,5 HT BK

1985807 Datasheet (HTML) - PHOENIX CONTACT


1985807 Product details

PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 200 V, nominal cross section:
1.5 mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product
range: MKDS 1/..-HT, pitch: 3.5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: THR soldering, conductor/PCB connection direction: 0 °,
color: black, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard. This article can be soldered in the reflow
furnace together with SMD components.

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• Designed for integration into the SMT soldering process




Similar Part No. - 1985807

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
19858 DESCO-19858 Datasheet
704Kb / 5P
WRIST STRAPS & COIL CORDS
logo
PHOENIX CONTACT
1985823 PHOENIX-1985823 Datasheet
386Kb / 10P
PCB terminal block - MKDS 1/ 2-3,81 HT BK
Nov 30, 2022
1985836 PHOENIX-1985836 Datasheet
135Kb / 10P
PCB terminal block - MKDS 1/ 3-3,81 HT BK
09/12/2020
1985852 PHOENIX-1985852 Datasheet
142Kb / 7P
PCB terminal block - MKDSN 1,5/ 3 HT BK
1985881 PHOENIX-1985881 Datasheet
113Kb / 5P
PCB terminal block - MKDS 1,5/ 2 HT BK
More results


Similar Description - 1985807

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716933 PHOENIX-1716933 Datasheet
57Kb / 4P
PCB terminal block - MKDS 1/ 2-3,5 BK H0L
1800035 PHOENIX-1800035 Datasheet
57Kb / 4P
PCB terminal block - MKDS 1/16-3,5 BK
1818957 PHOENIX-1818957 Datasheet
41Kb / 2P
MKDS 1/ 2-3,5 HT BK R24
1932410 PHOENIX-1932410 Datasheet
129Kb / 5P
PCB terminal block - MKDS 1/ 4-3,81 HT BK
1985881 PHOENIX-1985881 Datasheet
113Kb / 5P
PCB terminal block - MKDS 1,5/ 2 HT BK
1985904 PHOENIX-1985904 Datasheet
116Kb / 5P
PCB terminal block - MKDS 1,5/ 2-5,08 HT BK
1985988 PHOENIX-1985988 Datasheet
101Kb / 4P
PCB terminal block - MKDS 3/ 2-5,08 HT BK
1985836 PHOENIX-1985836 Datasheet
135Kb / 10P
PCB terminal block - MKDS 1/ 3-3,81 HT BK
09/12/2020
1985823 PHOENIX-1985823 Datasheet
386Kb / 10P
PCB terminal block - MKDS 1/ 2-3,81 HT BK
Nov 30, 2022
1984950 PHOENIX-1984950 Datasheet
348Kb / 9P
PCB terminal block - MKDS 1/ 3-3,5 HT BK
Dec 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com