Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273766 Datasheet (PDF) - PHOENIX CONTACT

3273766 Datasheet PDF - PHOENIX CONTACT
Part # 3273766
Download  3273766 Download
File Size   486.4 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4-NS35A-FE

3273766 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273766 Datasheet PDF - PHOENIX CONTACT

Part # 3273766
Download  3273766 Click to download

File Size   486.4 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4-NS35A-FE

3273766 Datasheet (HTML) - PHOENIX CONTACT


3273766 Product details

Distribution block, nom. voltage: 800 V, nominal current: 32 A, connection method: Push-in
connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact,
Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS
35/15, color: black/yellow

Your advantages
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Clear wiring, thanks to eleven different color variants
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273766

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273760 PHOENIX-3273760 Datasheet
128Kb / 11P
Distribution block - PTFIX 10/12X4-NS35A BK
09/12/2020
3273762 PHOENIX-3273762 Datasheet
480Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A VT
Nov 30, 2022
3273763 PHOENIX-3273763 Datasheet
477Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A PK
Jul 29, 2022
3273764 PHOENIX-3273764 Datasheet
483Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A OG
Jun 27, 2022
3273768 PHOENIX-3273768 Datasheet
128Kb / 11P
Distribution block - PTFIX 10/18X4-NS35A GY
09/12/2020
More results


Similar Description - 3273766

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273754 PHOENIX-3273754 Datasheet
128Kb / 11P
Distribution block - PTFIX 10/12X4-NS35A GN
10/28/2020
3273758 PHOENIX-3273758 Datasheet
480Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A WH
Jun 10, 2022
3273760 PHOENIX-3273760 Datasheet
128Kb / 11P
Distribution block - PTFIX 10/12X4-NS35A BK
09/12/2020
3273746 PHOENIX-3273746 Datasheet
480Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A GY
Jun 13, 2022
3273748 PHOENIX-3273748 Datasheet
481Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A BU
Jun 13, 2022
3273764 PHOENIX-3273764 Datasheet
483Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A OG
Jun 27, 2022
3273700 PHOENIX-3273700 Datasheet
490Kb / 19P
Distribution block - PTFIX 12X4-NS35A-FE
Jul 20, 2022
3273756 PHOENIX-3273756 Datasheet
479Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A BN
Nov 30, 2022
3273762 PHOENIX-3273762 Datasheet
480Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A VT
Nov 30, 2022
3273898 PHOENIX-3273898 Datasheet
556Kb / 21P
Distribution block - PTFIX 10/12X4-FE
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com