Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1275 Datasheet (PDF) - Alpha Wire

1275 Datasheet PDF - Alpha Wire
Part # 1275
Download  1275 Download
File Size   97.71 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1275 Datasheet (PDF)

Go To PDF Page Download Datasheet
1275 Datasheet PDF - Alpha Wire

Part # 1275
Download  1275 Click to download

File Size   97.71 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1275 Datasheet (HTML) - Alpha Wire


1275 Product details

Construction
Diameters (In)
1) Component 1 5 X 1 COND
a) Conductor 14 (19/.0147) AWG Tinned Copper 0.071
b) Insulation 0.047" Wall, Nom. PVC 0.165
(1) Color Code Alpha Wire Color Code F
Cond Color Cond Color Cond Color
1 BLACK 3 RED 5 ORANGE
2 WHITE 4 GREEN
2) Cable Assembly 5 Components Cabled
a) Twists: 1.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 20% Overlap, Min.
3) Jacket 0.063" Wall, Nom.,PVC 0.576 (0.599 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1275
RU AWM 2463 VW-1 80C 600V CE ROHS
* = Factory Code




Similar Part No. - 1275

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1275 ALPHAWIRE-1275 Datasheet
98Kb / 4P
Customer Specification
8/30/2022
logo
Heyco.
1275 HEYCO-1275 Datasheet
104Kb / 1P
Original Strain Relief Bushings
logo
Abbatron All Rights Res...
1275 ABBATRON-1275 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
CEE Norm UK Ltd
1275 CEENORM-1275 Datasheet
1Mb / 4P
Socket Outlets
logo
Weidmuller
1275080000 WEIDMULLER-1275080000 Datasheet
419Kb / 7P
BLZP 5.08HC/06/180 SN BK BX PRT
More results


Similar Description - 1275

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com