Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJC7002H Datasheet (PDF) - Pan Jit International Inc.

PJC7002H Datasheet PDF - Pan Jit International Inc.
Part # PJC7002H
Download  PJC7002H Download
File Size   304.0 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET

PJC7002H Datasheet (PDF)

Go To PDF Page Download Datasheet
PJC7002H Datasheet PDF - Pan Jit International Inc.

Part # PJC7002H
Download  PJC7002H Click to download

File Size   304.0 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 60V N-Channel Enhancement Mode MOSFET

PJC7002H Datasheet (HTML) - Pan Jit International Inc.


PJC7002H Product details

Features
 RDS(ON) , VGS@10V, ID@300mA<5Ω
 RDS(ON) , VGS@5V, ID@50mA<7.5Ω
 Advanced Trench Process Technology
 ESD Protected
 Specially Designed for Relay driver, Speed line drive, etc.
 Lead free in compliance with EU RoHS 2011/65/EU directive.
 Green molding compound as per IEC61249 Std. (Halogen Free)
Mechanical Data
 Case: SOT-323 Package
 Terminals: Solderable per MIL-STD-750, Method 2026




Similar Part No. - PJC7002H

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PJC7201 SCHNEIDER-PJC7201 Datasheet
81Kb / 1P
Electric joint compound for use with I-Line circuit breakers, molded circuit breakers model-V units, QMB Plug-On units
Apr 19, 2021
logo
Pan Jit International I...
PJC7400 PANJIT-PJC7400 Datasheet
268Kb / 6P
30V N-Channel Enhancement Mode MOSFET
PJC7400B PANJIT-PJC7400B Datasheet
540Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
PJC7401 PANJIT-PJC7401 Datasheet
274Kb / 6P
30V P-Channel Enhancement Mode MOSFET
PJC7403 PANJIT-PJC7403 Datasheet
260Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Similar Description - PJC7002H

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com