Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM11100 Datasheet (PDF) - New Japan Radio

NJM11100 Datasheet PDF - New Japan Radio
Part # NJM11100
Download  NJM11100 Download
File Size   5224.78 Kbytes
Page   20 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Adjustable Low Dropout Regulator w/Reverse Current Protection

NJM11100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM11100 Datasheet PDF - New Japan Radio

Part # NJM11100
Download  NJM11100 Click to download

File Size   5224.78 Kbytes
Page   20 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Adjustable Low Dropout Regulator w/Reverse Current Protection

NJM11100 Datasheet (HTML) - New Japan Radio


NJM11100 Product details

GENERAL DESCRIPTION
The NJM11100 is a 240mA output low dropout adjustable type
voltage regulator. The available setting voltage range is very
wide from 1.3V to 17V. This product has Reverse Current
Protection without external SBD. Advanced Bipolar technology
achieves low noise, high ripple rejection and high supply voltage.
It is suitable for various applications such as car AVN, any
consumer products and so on.

FEATURES
Output Voltage Setting Range 1.3V to 17V
Reference Voltage Accuracy 1.25V 1.0
Output Current 240mA (min.) 320mA (typ.)
Correspond to Low ESR capacitor (MLCC) 1.0 F: (Vo 1.4V)
Low Dropout Voltage 0.2V (typ.) @Io=200mA
Input Voltage Range 2.1V to 18V
ON/OFF Control
Reverse Current Protection Circuit
Thermal Shutdown Circuit
Over Current Protection Circuit (OCP)
Bipolar Technology
Direct Replacement to TK11100 (180 degree rotated)
Package Outline SOT-23-6-1, DFN6-H1(ESON6-H1)




Similar Part No. - NJM11100

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM11100 NISSHINBO-NJM11100 Datasheet
5Mb / 20P
Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
NJM11100-T1 NISSHINBO-NJM11100-T1 Datasheet
1Mb / 26P
Adjustable Low Dropout Regulator with Reverse Current Protection
Ver.1.0
NJM11100F1-T1 NISSHINBO-NJM11100F1-T1 Datasheet
1Mb / 26P
Adjustable Low Dropout Regulator with Reverse Current Protection
Ver.1.0
More results


Similar Description - NJM11100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
1A Low-Dropout Regulator with Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
1A Low-Dropout Regulator with Reverse Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com