Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU77902 Datasheet (PDF) - New Japan Radio

NJU77902 Datasheet PDF - New Japan Radio
Part # NJU77902
Download  NJU77902 Download
File Size   780.24 Kbytes
Page   14 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier

NJU77902 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU77902 Datasheet PDF - New Japan Radio

Part # NJU77902
Download  NJU77902 Click to download

File Size   780.24 Kbytes
Page   14 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier

NJU77902 Datasheet (HTML) - New Japan Radio


NJU77902 Product details

■ GENERAL DESCRIPTION
The NJU77902 is a Rail-to-Rail input and output dual
CMOS operational amplifier that features high output current
drive.
This device is stable to capacitive load and can charge and
discharge capacitance quickly by high output current up to
1000mA. In addition, it is ideal for buffer amplifiers as the
output stage can supply a respectable amount of current with
minimal headroom from either rail.

■ FEATURES
•Output Peak Current 1000mA (typ.)
•Rail-to-Rail Input/Output
•Wide Operating Voltage 6V to 18V
•Slew Rate 9V/μs (typ.)
•Package ESON8-W2 (3.0mm x 3.0mm)
•Enhanced RF Noise Immunity
•CMOS Process




Similar Part No. - NJU77902

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU77902 NISSHINBO-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
More results


Similar Description - NJU77902

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
STMicroelectronics
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
STMicroelectronics
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
Texas Instruments
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com