Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW3677 Datasheet (PDF) - Renesas Technology Corp

IW3677 Datasheet PDF - Renesas Technology Corp
Part # IW3677
Download  IW3677 Download
File Size   541.51 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-Stage, High PF, Low THD Primary-Side AC/DC Controller with ntegrated High Voltage Startup for LED Lighting Applications up to 100W

IW3677 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW3677 Datasheet PDF - Renesas Technology Corp

Part # IW3677
Download  IW3677 Click to download

File Size   541.51 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-Stage, High PF, Low THD Primary-Side AC/DC Controller with ntegrated High Voltage Startup for LED Lighting Applications up to 100W

IW3677 Datasheet (HTML) - Renesas Technology Corp


IW3677 Product details

2 Features
● Integrated high-voltage startup circuit
● Universal AC input voltage range 90VAC ~ 305VAC
● Supports up to 100W output power in tiny SOIC-7 package
● CV mode AC line and load regulation < ±3%
● CC mode AC line and load regulation < ±5%
● PF > 0.9 and THD < 20% across AC line voltage for > 50% of full load
● Fast startup time < 0.25s
● Standby power < 150mW at 230VAC input up to 100W
● No audible noise across AC line and load conditions, and during load transient or startup
● Wide operating supply voltage (VVCC) range from 8.0V to 20V
● Comprehensive protection features
x Output over-voltage protection
x Output short-circuit protection
x AC over-voltage protection x AC under-voltage protection (Brown-out)
x Cycle-by-cycle peak current limit
x Current-sense-resistor short protection
x Over-temperature protection




Similar Part No. - IW3677

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW3671 RENESAS-IW3671 Datasheet
543Kb / 7P
Single-Stage, High PF, Low THD Constant-Voltage/Constant- Current AC/DC Controller for LED Lighting up to 100W
08-Nov-2022
IW3671-001 RENESAS-IW3671-001 Datasheet
543Kb / 7P
Single-Stage, High PF, Low THD Constant-Voltage/Constant- Current AC/DC Controller for LED Lighting up to 100W
08-Nov-2022
IW3671-00C RENESAS-IW3671-00C Datasheet
543Kb / 7P
Single-Stage, High PF, Low THD Constant-Voltage/Constant- Current AC/DC Controller for LED Lighting up to 100W
08-Nov-2022
More results


Similar Description - IW3677

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
Single Stage Primary Side Regulation PFC Controller For LED Driver
logo
List of Unclassifed Man...
FT8260 ETC2-FT8260 Datasheet
444Kb / 16P
PSR Single-Stage AC-DC LED Driver with High PF
logo
Diodes Incorporated
AP1682E DIODES-AP1682E Datasheet
366Kb / 10P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
Rev 1
logo
Texas Instruments
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
PRIMARY-SIDE STARTUP CONTROLLER
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
logo
Maxic Technology Corpor...
MT7932 MAXIC-MT7932 Datasheet
181Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
MT79325 MAXIC-MT79325 Datasheet
172Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
MT79328 MAXIC-MT79328 Datasheet
172Kb / 1P
Single Stage, Low THD, AC-DC LED Driver
logo
Princeton Technology Co...
RS2332 PTC-RS2332 Datasheet
264Kb / 4P
High-Voltage Start-Up Primary Side LED Controller with Active PFC
logo
Renesas Technology Corp
IW3671 RENESAS-IW3671 Datasheet
543Kb / 7P
Single-Stage, High PF, Low THD Constant-Voltage/Constant- Current AC/DC Controller for LED Lighting up to 100W
08-Nov-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com