Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB240 Datasheet (PDF) - Pan Jit International Inc.

SB240 Datasheet PDF - Pan Jit International Inc.
Part # SB240
Download  SB240 Download
File Size   41.53 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)

SB240 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB240 Datasheet PDF - Pan Jit International Inc.

Part # SB240
Download  SB240 Click to download

File Size   41.53 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)

SB240 Datasheet (HTML) - Pan Jit International Inc.


SB240 Product details

VOLTAGE 20 to 100 Volts CURRENT 2.0 Amperes

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage,high frequency inverters ,free wheeling ,
   and polarity protection applications.
• Pb free product are available : 99% Sn above can meet Rohs
   environment substance directive request

MECHANICAL DATA
   Case: DO-15 Molded plastic
   Terminals: Axial leads, solderable per MIL-STD-202G,Method 208
   Polarity: Color band denotes cathode
   Mounting Position: Any
   Weight: 0.015 ounces, 0.4grams




Similar Part No. - SB240

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB240 TRSYS-SB240 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB240 WTE-SB240 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB240 ZOWIE-SB240 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB240 DIODES-SB240 Datasheet
62Kb / 2P
2.0A SCHOTTKY BARRIER RECTIFIER
DS30193 Rev. B-0
logo
EIC discrete Semiconduc...
SB240 EIC-SB240 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Similar Description - SB240

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB1020CT PANJIT-SB1020CT Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB1620CT PANJIT-SB1620CT Datasheet
57Kb / 2P
16 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
SB2020CT PANJIT-SB2020CT Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
SB2520CT PANJIT-SB2520CT Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 25.0 Ampere)
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
SB820 PANJIT-SB820 Datasheet
37Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SB820CT PANJIT-SB820CT Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com