Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSU1005 Datasheet (PDF) - Littelfuse

FSU1005 Datasheet PDF - Littelfuse
Part # FSU1005
Download  FSU1005 Download
File Size   259.74 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Flashers and Tower Lighting Controls

FSU1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSU1005 Datasheet PDF - Littelfuse

Part # FSU1005
Download  FSU1005 Click to download

File Size   259.74 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Flashers and Tower Lighting Controls

FSU1005 Datasheet (HTML) - Littelfuse


FSU1005 Product details

Description
The FSU1000 incorporates an onboard adjustable flash rate
of 10 to 100 FPM and a universal input voltage in one device.
Its circuitry is encapsulated and is capable of controlling loads
of up to 20A. The versatility of the FSU1000 makes it ideal for
applications where various flash rates and operating voltages
are required.
Operation
When input voltage is applied to terminal 2 and the load (lamp),
the load energizes steadily. When input voltage is applied to
terminal 3, the output flashes.
Optional Low Current Switch (S1): This low current switch
could be a limit switch or contact. While open, the operator sees
the load (lamp) ON and operating. When the limit switch closes,
the load (lamp) flashes to attract attention.

FEATURES BENEFITS
Universal input voltage
24 to 240VAC
Allows flexibility for a wide range of applications
with one part
Onboard adjustable
flash rate
Provides flexibility for user to select flash rate
between 10 - 100 FPM
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
High output rating up
to 20A, 200A inrush
Allows direct operation of high current loads
without a contactor




Similar Part No. - FSU1005

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSU10A20 NIEC-FSU10A20 Datasheet
133Kb / 1P
FRED
logo
Kyocera Kinseki Corpota...
FSU10A20 KSS-FSU10A20 Datasheet
669Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
FSU10A20 NI-FSU10A20_15 Datasheet
133Kb / 1P
FRED
logo
Nihon Inter Electronics...
FSU10A30 NIEC-FSU10A30 Datasheet
73Kb / 5P
For Power Factor Improvement High Frequency Rectification
logo
Kyocera Kinseki Corpota...
FSU10A30 KSS-FSU10A30 Datasheet
646Kb / 6P
Fast Recovery Diode
More results


Similar Description - FSU1005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR10 LITTELFUSE-PCR10 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
PCR LITTELFUSE-PCR Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS100 LITTELFUSE-FS100 Datasheet
414Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS200 LITTELFUSE-FS200 Datasheet
410Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS300 LITTELFUSE-FS300 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS491 LITTELFUSE-FS491 Datasheet
283Kb / 1P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062016
FS500 LITTELFUSE-FS500 Datasheet
376Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FA155 LITTELFUSE-FA155 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com