Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1111N Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1111N Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1111N
Download  R1111N Download
File Size   353.75 Kbytes
Page   18 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW NOISE 150mA LDO REGULATOR

R1111N Datasheet (PDF)

Go To PDF Page Download Datasheet
R1111N Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1111N
Download  R1111N Click to download

File Size   353.75 Kbytes
Page   18 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW NOISE 150mA LDO REGULATOR

R1111N Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1111N Product details

FEATURES
• Supply Current............................................................Typ. 35μA
• Standby Mode.............................................................Typ. 0.1μA
• Dropout Voltage..........................................................Typ. 0.2V (IOUT=100mA)
• Ripple Rejection..........................................................Typ. 70dB(f=1kHz)
• Output Voltage............................................................1.5V to 5.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy.............................................±2.0%
• Low Temperature-Drift Coefficient of Output Voltage..Typ. ±100ppm/°C
• Line Regulation...........................................................Typ. 0.05%/V
• Package ....................................................................SOT-23-5
• Built-in chip enable circuit ( 2 types; A: active “L”, B: active “H”)
• Built-in Fold Back Protection Circuit..........................Typ. 50mA (Current at short mode)
• Pin-out.........................................................................Similar to the LP2980




Similar Part No. - R1111N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1111N RICOH-R1111N Datasheet
140Kb / 16P
LOW NOISE 150mA LDO REGULATOR?
Rev.1.11
R1111N151A-TR-FE RICOH-R1111N151A-TR-FE Datasheet
458Kb / 18P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
R1111N151B-TR-FE RICOH-R1111N151B-TR-FE Datasheet
458Kb / 18P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
R1111N181A RICOH-R1111N181A Datasheet
140Kb / 16P
LOW NOISE 150mA LDO REGULATOR?
Rev.1.11
R1111N181A-TL RICOH-R1111N181A-TL Datasheet
140Kb / 16P
LOW NOISE 150mA LDO REGULATOR?
Rev.1.11
More results


Similar Description - R1111N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com