Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1114N Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1114N Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1114N
Download  R1114N Download
File Size   467.17 Kbytes
Page   26 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Noise 150 mA LDO Regulator for Automotive Applications

R1114N Datasheet (PDF)

Go To PDF Page Download Datasheet
R1114N Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1114N
Download  R1114N Click to download

File Size   467.17 Kbytes
Page   26 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description Low Noise 150 mA LDO Regulator for Automotive Applications

R1114N Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1114N Product details

FEATURES
• Input Voltage Range (Maximum Rating) ............................2.0V to 6V (6.5V)
• Supply Current.....................................................................Typ. 75μA
• Standby Mode......................................................................Typ. 0.1μA
• Dropout Voltage...................................................................Typ. 0.22V (IOUT=150mA 3.0V Output type)
• Ripple Rejection...................................................................Typ. 70dB (f=1kHz 3.0V Output type)
Typ. 60dB (f=10kHz)
• Output Voltage Range..........................................................1.5V to 4.0V (0.1V steps)
(For other voltages, please refer to MARK SPECIFICATION TABLE)
• Output Voltage Accuracy......................................................±2.0%
• Temperature-Drift Coefficient of Output Voltage..................Typ. ±100ppm/°C
• Line Regulation....................................................................Typ. 0.02%/V
• Output Noise........................................................................TYP. 30μVrms (BW=10Hz~100kHz)
• Packages ............................................................................SOT-23-5
• Built-in Fold Back Protection Circuit....................................Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC ...CIN=COUT=1μF (VOUT<2.5V)
CIN=1μF, COUT=0.47μF (VOUT> = 2.5V)




Similar Part No. - R1114N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
R1114N151B RICOH-R1114N151B Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
R1114N151D RICOH-R1114N151D Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1114N151L-TR-FE NISSHINBO-R1114N151L-TR-FE Datasheet
310Kb / 23P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114N161A RICOH-R1114N161A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
More results


Similar Description - R1114N

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
150-mA Ultra Low-Noise LDO Regulator With Discharge Option
29-Mar-04
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
150 mA Low-Noise LDO Regulator
09/14/21
logo
Nisshinbo Micro Devices...
R1130H NISSHINBO-R1130H Datasheet
1Mb / 26P
300 mA LDO Regulator for Automotive Applications
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
150 mA LDO Regulator for Industrial Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com