| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP4629
|
118Kb / 6P |
500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1 |
|
NCP4640
|
396Kb / 17P |
50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1 |
|
NCP4629
|
801Kb / 15P |
500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0 |
|
NCP4641H050T1G
|
332Kb / 14P |
150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0 |
|
NCP4624
|
1Mb / 18P |
150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0 |
|
NCP4623HMXADJTCG
|
379Kb / 20P |
150 mA, Wide Input Voltage Range, Low Dropout Regulator
February, 2012 ??Rev. 2 |
|
NCP4640H033T1G
|
396Kb / 17P |
50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1 |
|
NCP4641H030T1G
|
332Kb / 14P |
150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0 |
|
NCP4641
|
339Kb / 14P |
Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1 |
 Nisshinbo Micro Devices... |
R1514X-Y
|
525Kb / 22P |
150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
|