Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9187 Datasheet (PDF) - Littelfuse

9187 Datasheet PDF - Littelfuse
Part # 9187
Download  9187 Download
File Size   249.37 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PUSH-BUTTON SWITCHES

9187 Datasheet (PDF)

Go To PDF Page Download Datasheet
9187 Datasheet PDF - Littelfuse

Part # 9187
Download  9187 Click to download

File Size   249.37 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PUSH-BUTTON SWITCHES

9187 Datasheet (HTML) - Littelfuse


9187 Product details

Description
• Off - Momentary On, spring return to Off, SPST.
• Body size: 0.890”L x 0.560”W x 0.773”H (to top of
terminal) (22.61 x 14.22 x 19.64mm).
• Stem: 0.470” long (11.93mm).
• Push button diameter: 0.410” (10.41mm), nylon.
• Nickel-plated brass hexnut 15/32” - 32.
• Nickel-plated brass facenut




Similar Part No. - 9187

ManufacturerPart #DatasheetDescription
logo
Littelfuse
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
logo
Heyco.
9187 HEYCO-9187 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Alpha Wire
9187A ALPHAWIRE-9187A Datasheet
406Kb / 3P
30 (7/38) AWG SCW
More results


Similar Description - 9187

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PS1040 E-SWITCH-PS1040 Datasheet
55Kb / 1P
PANEL MOUNT PUSH BUTTON SWITCHES
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
Miniature Toggle and Push Button Switches
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
Push Button Switches
H8350ABBB ETC2-H8350ABBB Datasheet
156Kb / 2P
8300 Push Button Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
Push Button Switches
logo
Littelfuse
8486 LITTELFUSE-8486 Datasheet
238Kb / 1P
STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
90047 LITTELFUSE-90047 Datasheet
467Kb / 1P
ENGINE START STOP PUSH BUTTON SWITCHES
2019 Rev: 021119
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9269 LITTELFUSE-9269 Datasheet
292Kb / 1P
DOOR PUSH BUTTON SWITCHES
2019 Rev: 021119
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
Wire Lead Toggle & Push Button Switches
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com