Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1712 Datasheet (PDF) - Alpha Wire

1712 Datasheet PDF - Alpha Wire
Part # 1712
Download  1712 Download
File Size   97.74 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1712 Datasheet (PDF)

Go To PDF Page Download Datasheet
1712 Datasheet PDF - Alpha Wire

Part # 1712
Download  1712 Click to download

File Size   97.74 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1712 Datasheet (HTML) - Alpha Wire


1712 Product details

Construction
Diameters (In)
1) Component 1 2 X 1 COND
a) Conductor 20 (26/34) AWG Tinned Copper 0.038
b) Insulation 0.015" Wall, Nom. Polyethylene(PE) 0.068
(1) Color Code Alpha Wire Color Code H
Cond Color Cond Color Cond Color
1 BLACK 2 WHITE
2) Cable Assembly 2 Components Cabled
a) Twists: 6.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Shield
Tinned Copper BRAID Shield,85%
Coverage, Min.
4) Jacket 0.030" Wall, Nom.,PVC 0.221 (0.231 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1712
CE ROHS
* = Factory Code




Similar Part No. - 1712

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1712000000 WEIDMULLER-1712000000 Datasheet
404Kb / 5P
BLC 5.08/06/180R BK BX
1712020000 WEIDMULLER-1712020000 Datasheet
405Kb / 5P
BLC 5.08/08/180R BK BX
logo
PHOENIX CONTACT
1712025 PHOENIX-1712025 Datasheet
128Kb / 7P
PCB terminal block - MKDSF 3/ 2
1712034 PHOENIX-1712034 Datasheet
59Kb / 4P
Plug - MVSTBR 2,5/ 3-ST-5,08 OG
1712038 PHOENIX-1712038 Datasheet
136Kb / 5P
MKDSF 3/ 3
More results


Similar Description - 1712

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com