Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1713 Datasheet (PDF) - Alpha Wire

1713 Datasheet PDF - Alpha Wire
Part # 1713
Download  1713 Download
File Size   97.68 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1713 Datasheet (PDF)

Go To PDF Page Download Datasheet
1713 Datasheet PDF - Alpha Wire

Part # 1713
Download  1713 Click to download

File Size   97.68 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

1713 Datasheet (HTML) - Alpha Wire


1713 Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 20 (26/34) AWG Tinned Copper 0.038
b) Insulation 0.015" Wall, Nom. Polyethylene(PE) 0.068
(1) Color Code Alpha Wire Color Code H
Cond Color Cond Color Cond Color
1 BLACK 2 WHITE 3 RED
2) Cable Assembly 3 Components Cabled
a) Twists: 6.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Shield
Tinned Copper BRAID Shield,85%
Coverage, Min.
4) Jacket 0.035" Wall, Nom.,PVC 0.248 (0.259 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1713
CE ROHS
* = Factory Code




Similar Part No. - 1713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1713011 PHOENIX-1713011 Datasheet
51Kb / 2P
Filler plugs - B-MKDS 3 GN BLINDSTOPFEN
09/12/2020
1713017 PHOENIX-1713017 Datasheet
56Kb / 3P
PCB terminal block - PTSA 1.5/ 2-3.5-F RD WH NZ02
1713020 PHOENIX-1713020 Datasheet
46Kb / 2P
PCB terminal block - PTSA 1.5/ 4-3.5-F MIX NZ03
1713024 PHOENIX-1713024 Datasheet
139Kb / 6P
SMKDS 3/ 2
1713033 PHOENIX-1713033 Datasheet
52Kb / 3P
PCB terminal block - PTSA 1,5/ 9-3,5-F MIX NZ04
More results


Similar Description - 1713

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com