Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

116BFZ Datasheet (PDF) - Vishay Siliconix

116BFZ Datasheet PDF - Vishay Siliconix
Part # 116BFZ_V01
Download  116BFZ Download
File Size   254.34 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Rotative Transducers 360°S Special Laws: Sine/Cosine

116BFZ Datasheet (PDF)

Go To PDF Page Download Datasheet
116BFZ Datasheet PDF - Vishay Siliconix

Part # 116BFZ_V01
Download  116BFZ Click to download

File Size   254.34 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Rotative Transducers 360°S Special Laws: Sine/Cosine

116BFZ Datasheet (HTML) - Vishay Siliconix


116BFZ Product details

FEATURES
• Laws: sine and cosine
• Size 11
• Continuous measure on 360°
• Long life up to 25 106 cycles
• Conformity from ± 1 % down to ± 0.5 %
• Bushing or servo mounting
• Following MIL-R-39023 requirements
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
RoHS
COMPLIANT




Similar Part No. - 116BFZ_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116BFZ-SFZ VISHAY-116BFZ-SFZ Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
More results


Similar Description - 116BFZ_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116BFZ VISHAY-116BFZ Datasheet
263Kb / 3P
Precision Rotative Transducers 360째 Special Laws: Sine/Cosine
22-Mar-07
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
22-Mar-07
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
22-Mar-07
ECO VISHAY-ECO Datasheet
566Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
07-Sep-07
logo
ams AG
AS5215 AMSCO-AS5215_04 Datasheet
1Mb / 27P
Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
logo
Vishay Siliconix
116BFZ-SFZ VISHAY-116BFZ-SFZ Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
26-Mar-15
ROTSF VISHAY-ROTSF Datasheet
303Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
26-Mar-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com