Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1420-01 Datasheet (PDF) - Advanced Power Technology

SD1420-01 Datasheet PDF - Advanced Power Technology
Part # SD1420-01
Download  SD1420-01 Download
File Size   77.51 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS

SD1420-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1420-01 Datasheet PDF - Advanced Power Technology

Part # SD1420-01
Download  SD1420-01 Click to download

File Size   77.51 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS

SD1420-01 Datasheet (HTML) - Advanced Power Technology


SD1420-01 Product details

DESCRIPTION:

The SD1420-01 is a gold metallized epitaxial silicon NPN planar transistor designed for high-linearity Class A operation Cellular Base Station applications. The SD1420-01 is also available in a stud package as the SD1420.



Features

· 860 – 960 MHz

· 24 VOLTS

· COMMON EMITTER

· GOLD METALLIZATION

· CLASS A LINEAR OPERATION

· POUT = 0.9 W MIN.

· 9.5 dB GAIN




Similar Part No. - SD1420-01

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
More results


Similar Description - SD1420-01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Dec-1999
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Mar-1993
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD1660 STMICROELECTRONICS-SD1660 Datasheet
75Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1455 ADPOW-MS1455 Datasheet
132Kb / 4P
RF & MICROWAVE TRANSISTORS 800 - 900 MHz APPLICATIONS
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
MS1536 ADPOW-MS1536 Datasheet
121Kb / 4P
RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com