Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD200 Datasheet (PDF) - Amphenol Wilcoxon Sensing Technologies.

PCD200 Datasheet PDF - Amphenol Wilcoxon Sensing Technologies.
Part # PCD200
Download  PCD200 Download
File Size   692.46 Kbytes
Page   4 Pages
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.
Description Dual-input process meters

PCD200 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD200 Datasheet PDF - Amphenol Wilcoxon Sensing Technologies.

Part # PCD200
Download  PCD200 Click to download

File Size   692.46 Kbytes
Page   4 Pages
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.
Description Dual-input process meters

PCD200 Datasheet (HTML) - Amphenol Wilcoxon Sensing Technologies.


PCD200 Product details

The PCD200 series are 1/8 DIN digital panel meters that accepts two inputs of
either a process current (4-20 mA) or process voltage (0-5V, 1-5V, ±10V) signal.
It displays these signals on a dual line, 6-digit display that is available with an
optional Sunbright® sunlight readable LEDs. The meter can be customized such
that these two inputs are displayed in a variety of ways, including both at the same
time with tags or the result of math functions performed on one or both of the
inputs. The PCD200 features CE marking, a NEMA 4X front, and AC or DC power
options, and can be equipped with up to four internal relays, a 4-20 mA analog
output, and Modbus® serial communications. PCD200 meters can be programmed
via the front panel pushbuttons or included PC-based software.

Key features
• Dual input process meter
with math functions
• 0-20 mA, 4-20 mA, 0-5 V,
1-5 V, and ± 10 V inputs
• SunBright display models
for outdoor applications
• NEMA 4X, IP65 front panel
• Input power options include
85-265 VAC or 12-24 VDC
• 2 or 4 relays + isolated
4-20 mA output options
• Includes PC-based
programming and
monitoring software




Similar Part No. - PCD200

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCD203AC2 PICKER-PCD203AC2 Datasheet
263Kb / 4P
Printed Circuit Board Solid State Relay
PCD203AC2 PICKER-PCD203AC2_14 Datasheet
225Kb / 4P
Printed Circuit Board Solid State Relay
More results


Similar Description - PCD200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B32 AD-3B32 Datasheet
352Kb / 8P
Isolated, Process Current Input
5B42 AD-5B42 Datasheet
693Kb / 8P
ISOLATED, PROCESS CURRENT INPUT
7B32 AD-7B32 Datasheet
534Kb / 8P
Isolated Process Current Input
REV. 0
3B32 AD-3B32_15 Datasheet
360Kb / 8P
Isolated, Process Current Input
REV. 0
5B42 AD-5B42_15 Datasheet
693Kb / 8P
Isolated, Process Current Input
REV. 0
logo
Extech Instruments Corp...
EX613 EXTECH-EX613_15 Datasheet
306Kb / 1P
400A Dual Input Clamp Meters IR Thermometer NCV
EX622 EXTECH-EX622_15 Datasheet
306Kb / 1P
400A Dual Input Clamp Meters IR Thermometer NCV
EX623-15 EXTECH-EX623-15 Datasheet
306Kb / 1P
400A Dual Input Clamp Meters IR Thermometer NCV
logo
Fluke Corporation
773 FLUKE-773 Datasheet
1Mb / 2P
Fluke 772 and 773 Milliamp Process Clamp Meters
logo
Amphenol Wilcoxon Sensi...
PCD100 WILCOXON-PCD100 Datasheet
419Kb / 4P
Process and temperature meters
Rev.A 08/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com