Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9680002154 Datasheet (PDF) - Advantech Co., Ltd.

9680002154 Datasheet PDF - Advantech Co., Ltd.
Part # 9680002154
Download  9680002154 Download
File Size   380.01 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 6.5 VGA Industrial Display kit with Touch Solution

9680002154 Datasheet (PDF)

Go To PDF Page Download Datasheet
9680002154 Datasheet PDF - Advantech Co., Ltd.

Part # 9680002154
Download  9680002154 Click to download

File Size   380.01 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 6.5 VGA Industrial Display kit with Touch Solution

9680002154 Datasheet (HTML) - Advantech Co., Ltd.


9680002154 Product details

Features
ƒƒ 6.5" LCD supports 640 x 480 pixels and wide operating temperature
(-5~ 60° C)
ƒƒ Brightness of 800 cd/m2 with LED backlight
ƒƒ 4-wire resistive touch solution
ƒƒ High contrast ratio of 600:1
ƒƒ High uniformity of 85%
ƒƒ LVDS signal interface
ƒƒ Low power consumption 3.86 W (panel only)
ƒƒ LED driver board built in
ƒƒ Touch controller included (USB)
ƒƒ AR surface treatment (optional)
ƒƒ Optical bonding (optional)




Similar Part No. - 9680002154

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
9680004551 ADVANTECH-9680004551 Datasheet
259Kb / 2P
10.1 eService Touch Computer with Intel짰 Atom??Processor
9680006902 ADVANTECH-9680006902 Datasheet
409Kb / 1P
Slide Rail
9680006905 ADVANTECH-9680006905 Datasheet
409Kb / 1P
Slide Rail
9680006905 ADVANTECH-9680006905 Datasheet
654Kb / 2P
Dual-Node 350mm Depth 4U Chassis for Half-Sized Slot SBC
9-May-2017
9680006905 ADVANTECH-9680006905 Datasheet
639Kb / 2P
4U Rackmount Intel Xeon E5-2600
More results


Similar Description - 9680002154

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-1108R ADVANTECH-IDK-1108R Datasheet
924Kb / 2P
8.4" SVGA Industrial Display kit with Touch Solution
IDK-1110W ADVANTECH-IDK-1110W Datasheet
202Kb / 2P
10.1" WSVGA Industrial Display kit with Touch Solution
IDK-1112R ADVANTECH-IDK-1112R Datasheet
962Kb / 2P
12.1" SVGA Industrial Display kit with Touch Solution
IDK-065R-64VGA1 ADVANTECH-IDK-065R-64VGA1_14 Datasheet
299Kb / 2P
6.5" VGA Industrial Display kit with Touch Solution
IDK-121R ADVANTECH-IDK-121R_15 Datasheet
272Kb / 2P
12.1" XGA Industrial Display kit with Touch Solution
IDK-1108 ADVANTECH-IDK-1108 Datasheet
276Kb / 2P
8.4' SVGA Industrial Display kit with Touch Solution
IDK-1110 ADVANTECH-IDK-1110 Datasheet
271Kb / 2P
10.1' WSVGA Industrial Display kit with Touch Solution
IDK-1110P ADVANTECH-IDK-1110P Datasheet
332Kb / 2P
10.4' XGA Industrial Display kit with Touch Solution
IDK-1110R ADVANTECH-IDK-1110R_16 Datasheet
387Kb / 2P
10.4' SVGA Industrial Display kit with Touch Solution
IDK-1105 ADVANTECH-IDK-1105 Datasheet
272Kb / 2P
5.7 VGA Industrial Display kit with Touch Solution
20-May-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com