Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG800FXF2YMS3 Datasheet (PDF) - Toshiba Semiconductor

MG800FXF2YMS3 Datasheet PDF - Toshiba Semiconductor
Part # MG800FXF2YMS3
Download  MG800FXF2YMS3 Download
File Size   589.91 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High-Power Module Silicon Carbide N-Channel MOSFET

MG800FXF2YMS3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MG800FXF2YMS3 Datasheet PDF - Toshiba Semiconductor

Part # MG800FXF2YMS3
Download  MG800FXF2YMS3 Click to download

File Size   589.91 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High-Power Module Silicon Carbide N-Channel MOSFET

MG800FXF2YMS3 Datasheet (HTML) - Toshiba Semiconductor


MG800FXF2YMS3 Product details

Applications
• High-Power Switching
• Motor Controllers (including rail traction)

Features
(1) VDSS = 3300 V, ID = 800 A All SiC MOSFET Module(Low loss & High speed switching)
(2) New generation standard package(Compact & easily handled by paralleling)
(3) Low stray inductance, low thermal resistance, maximum Tch = 175
(4) Equipped with current sensing terminal & build in thermistor
(5) Isolated base plate




Similar Part No. - MG800FXF2YMS3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG800J1US51 TOSHIBA-MG800J1US51 Datasheet
319Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
03-Mar-1997
logo
Mitsubishi Electric Sem...
MG800J1US52A MITSUBISHI-MG800J1US52A Datasheet
120Kb / 7P
HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MG800J2YS50A MITSUBISHI-MG800J2YS50A Datasheet
171Kb / 9P
High power switching applications Motor control applications
logo
MicroPower Direct, LLC
MG800RU MPD-MG800RU Datasheet
466Kb / 2P
Compact, 8W 4:1 Input, MiniDIP DC/DC Converters
MG800RW MPD-MG800RW Datasheet
672Kb / 3P
Compact, 8W 2:1 Input, MiniDIP DC/DC Converters
More results


Similar Description - MG800FXF2YMS3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSC080SMA120J MICROSEMI-MSC080SMA120J Datasheet
1Mb / 10P
Silicon Carbide N-Channel Power MOSFET
logo
Microchip Technology
MSC180SMA120B MICROCHIP-MSC180SMA120B Datasheet
6Mb / 15P
Silicon Carbide N-Channel Power MOSFET
2021
MSC180SMA120S MICROCHIP-MSC180SMA120S Datasheet
6Mb / 16P
Silicon Carbide N-Channel Power MOSFET
2021
logo
Toshiba Semiconductor
MG400V2YMS3 TOSHIBA-MG400V2YMS3 Datasheet
560Kb / 10P
High-Power Module Silicon Carbide N-Channel MOSFET
2022-02-02 Rev.3.0
MG600Q2YMS3 TOSHIBA-MG600Q2YMS3 Datasheet
574Kb / 10P
High-Power Module Silicon Carbide N-Channel MOSFET
2022-02-25 Rev.4.0
logo
Microsemi Corporation
APT40SM120B MICROSEMI-APT40SM120B Datasheet
381Kb / 6P
Silicon Carbide N-Channel Power MOSFET
Rev C 09/2016
logo
DinTek Semiconductor Co...
DTN19N120SC3 DINTEK-DTN19N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN40N120SC4 DINTEK-DTN40N120SC4 Datasheet
1Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN58N120SC3 DINTEK-DTN58N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN58N120SC4 DINTEK-DTN58N120SC4 Datasheet
3Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com