Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1340 Datasheet (PDF) - ON Semiconductor

NCP1340 Datasheet PDF - ON Semiconductor
Part # NCP1340
Download  NCP1340 Download
File Size   1339.44 Kbytes
Page   43 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching

NCP1340 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP1340 Datasheet PDF - ON Semiconductor

Part # NCP1340
Download  NCP1340 Click to download

File Size   1339.44 Kbytes
Page   43 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching

NCP1340 Datasheet (HTML) - ON Semiconductor


NCP1340 Product details

The NCP1340 is a highly integrated quasi−resonant flyback
controller suitable for designing high−performance off−line power
converters. With an integrated active X2 capacitor discharge feature,
the NCP1340 can enable no−load power consumption below 30 mW.
The NCP1340 features a proprietary valley−lockout circuitry,
ensuring stable valley switching. This system works down to the 6th
valley and transitions to frequency foldback mode to reduce switching
losses. As the load decreases further, the NCP1340 enters quiet−skip
mode to manage the power delivery while minimizing acoustic noise.
To help ensure converter ruggedness, the NCP1340 implements
several key protective features such as internal brownout detection, a
non−dissipative Over Power Protection (OPP) for constant maximum
output power regardless of input voltage, a latched overvoltage and
NTC−ready overtemperature protection through a dedicated pin, and
line removal detection to safely discharge the X2 capacitors when the
ac line is removed.
If transient load capability is desired, the NCP1341 offers the same
performance and features with the addition of power excursion mode (PEM).

Features
• Integrated High−Voltage Startup Circuit with Brownout Detection
• Integrated X2 Capacitor Discharge Capability
• Wide VCC Range from 9 V to 28 V
• 28 V VCC Overvoltage Protection
• Abnormal Overcurrent Fault Protection for Winding Short Circuit or
Saturation Detection
• Internal Temperature Shutdown
• Valley Switching Operation with Valley−Lockout for Noise−Free
Operation
• Frequency Foldback with 25 kHz Minimum Frequency Clamp for
Increased Efficiency at Light Loads
• Skip Mode with Quiet−Skip Technology for Highest Performance
During Light Loads
• Minimized Current Consumption for No Load Power Below 30 mW
• Frequency Jittering for Reduced EMI Signature
• Latching or Auto−Recovery Timer−Based Overload Protection
• Adjustable Overpower Protection (OPP)
• Fixed or Adjustable Maximum Frequency Clamp
• Fault Pin for Severe Fault Conditions, NTC Compatible for OTP
• 4 ms Soft−Start Timer




Similar Part No. - NCP1340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1340 ONSEMI-NCP1340 Datasheet
1Mb / 32P
High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
April, 2016 ??Rev. P1
NCP1340 ONSEMI-NCP1340 Datasheet
1Mb / 40P
High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 7
NCP1340A6DR2G ONSEMI-NCP1340A6DR2G Datasheet
1Mb / 40P
High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 7
NCP1340B1DR2G ONSEMI-NCP1340B1DR2G Datasheet
1Mb / 32P
High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
April, 2016 ??Rev. P1
NCP1340B1DR2G ONSEMI-NCP1340B1DR2G Datasheet
1Mb / 39P
High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
More results


Similar Description - NCP1340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1339 ONSEMI-NCP1339 Datasheet
329Kb / 31P
High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out
August, 2015 ??Rev. 3
NCP1340 ONSEMI-NCP1340 Datasheet
1Mb / 32P
High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
April, 2016 ??Rev. P1
NCP1339 ONSEMI-NCP1339_16 Datasheet
364Kb / 32P
High-Voltage, QuasiResonant Controller featuring Valley Lock-Out and Power Saving Mode
April, 2016 ??Rev. 5
NCP1340 ONSEMI-NCP1340_16 Datasheet
1Mb / 39P
High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
NCP1341 ONSEMI-NCP1341 Datasheet
1Mb / 41P
High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
FAN105B ONSEMI-FAN105B Datasheet
659Kb / 19P
PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
NCP1340 ONSEMI-NCP1340_17 Datasheet
1Mb / 40P
High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 7
NCP1341 ONSEMI-NCP1341_17 Datasheet
1Mb / 41P
High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 4
NCP1339 ONSEMI-NCP1339_V01 Datasheet
444Kb / 33P
High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out and Power Saving Mode
February, 2017 - Rev. 6
NCP1341 ONSEMI-NCP1341_V01 Datasheet
1Mb / 42P
High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
January, 2021 - Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com