Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1342 Datasheet (PDF) - ON Semiconductor

NCP1342 Datasheet PDF - ON Semiconductor
Part # NCP1342
Download  NCP1342 Download
File Size   1080.98 Kbytes
Page   43 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quasi-Resonant Flyback Controller, High Frequency

NCP1342 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP1342 Datasheet PDF - ON Semiconductor

Part # NCP1342
Download  NCP1342 Click to download

File Size   1080.98 Kbytes
Page   43 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quasi-Resonant Flyback Controller, High Frequency

NCP1342 Datasheet (HTML) - ON Semiconductor


NCP1342 Product details

The NCP1342 is a highly integrated quasi−resonant flyback
controller suitable for designing high−performance off−line power
converters. With an integrated active X2 capacitor discharge feature,
the NCP1342 can enable no−load power consumption below 30 mW.
The NCP1342 features a proprietary valley−lockout circuitry,
ensuring stable valley switching. This system works down to the 6th
valley and transitions to frequency foldback mode to reduce switching
losses. As the load decreases further, the NCP1342 enters quiet−skip
mode to manage the power delivery while minimizing acoustic noise.
To ensure light load performance with high frequency designs, the
NCP1342 incorporates Rapid Frequency Foldback with Minimum
Peak Current Modulation to reduce the switching frequency quickly.
To help ensure converter ruggedness, the NCP1342 implements
several key protective features such as internal brownout detection, a
non−dissipative Over Power Protection (OPP) for constant maximum
output power regardless of input voltage, a latched overvoltage and
NTC−ready overtemperature protection through a dedicated pin, and
line removal detection to safely discharge the X2 capacitors when the
ac line is removed.

Features
• Integrated High−Voltage Startup Circuit with Brownout Detection
• Integrated X2 Capacitor Discharge Capability
• Wide VCC Range from 9 V to 28 V
• 28 V VCC Overvoltage Protection
• Abnormal Overcurrent Fault Protection for Winding Short Circuit or
Saturation Detection
• Internal Temperature Shutdown
• Valley Switching Operation with Valley−Lockout for Noise−Free
Operation
• Frequency Foldback with 25 kHz Minimum Frequency Clamp for
Increased Efficiency at Light Loads
• Rapid Frequency Foldback for Fast Reduction of Switching
Frequency at Light Loads
• Skip Mode with Quiet−Skip Technology for Highest Performance
During Light Loads
• Minimized Current Consumption for No Load Power Below 30 mW
• Frequency Jittering for Reduced EMI Signature
• Latching or Auto−Recovery Timer−Based Overload Protection
• Adjustable Overpower Protection (OPP)
• Adjustable Maximum Frequency Clamp
• Fault Pin for Severe Fault Conditions, NTC Compatible for OTP
• 4 ms Soft−Start Timer




Similar Part No. - NCP1342

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1342AMDAAD1R2G ONSEMI-NCP1342AMDAAD1R2G Datasheet
882Kb / 41P
High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1342BLACADR2G ONSEMI-NCP1342BLACADR2G Datasheet
882Kb / 41P
High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1342DADBDD1R2G ONSEMI-NCP1342DADBDD1R2G Datasheet
882Kb / 41P
High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
More results


Similar Description - NCP1342

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_14 Datasheet
1,021Kb / 32P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
logo
Infineon Technologies A...
XDPS21071 INFINEON-XDPS21071 Datasheet
2Mb / 54P
Forced Frequency Resonant Flyback controller
Revision 2.0 2019-10-30
logo
ON Semiconductor
NCP1343 ONSEMI-NCP1343_V01 Datasheet
782Kb / 43P
High Frequency Quasi- Resonant Flyback Controller
July, 2021 - Rev. 4
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com