Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1095628 Datasheet (PDF) - PHOENIX CONTACT

1095628 Datasheet PDF - PHOENIX CONTACT
Part # 1095628
Download  1095628 Download
File Size   807.55 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2206C-2FX

1095628 Datasheet (PDF)

Go To PDF Page Download Datasheet
1095628 Datasheet PDF - PHOENIX CONTACT

Part # 1095628
Download  1095628 Click to download

File Size   807.55 Kbytes
Page   23 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Industrial Ethernet Switch - FL SWITCH 2206C-2FX

1095628 Datasheet (HTML) - PHOENIX CONTACT


1095628 Product details

Managed Switch 2000, 6 RJ45 ports 10/100 Mbps, 2 SC multi-mode 100 Mbps, PROFINET
Conformance-Class B, Coated PCB, extended temperature range

Your advantages
• Ambient temperature -40 °C ... 70 °C
• MRP (client and manager)
• RSTP
• VLANs
• DHCP client, DHCP server (pool-based and port-based), DHCP option 82
• Web-based management, SNMP
• Slim design
• Configuration memory
• Easy and fast startup and commissioning with the FL NETWORK MANAGER software
• Suitable for PROFINET and EtherNet/IP™ networks




Similar Part No. - 1095628

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109562 ERNI-109562 Datasheet
43Kb / 1P
MiniMez Male with Ejector SMT Blindmate
logo
PHOENIX CONTACT
1095627 PHOENIX-1095627 Datasheet
633Kb / 17P
Industrial Ethernet Switch - FL SWITCH 2208C
Dec 2, 2022
More results


Similar Description - 1095628

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
2702905 PHOENIX-2702905 Datasheet
334Kb / 14P
Industrial Ethernet Switch - FL SWITCH 2214-2FX
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
Industrial Ethernet Switch - FL SWITCH 2206-2FX
2891026 PHOENIX-2891026 Datasheet
112Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX ST
01/21/2022
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
2891025 PHOENIX-2891025 Datasheet
631Kb / 20P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
2702906 PHOENIX-2702906 Datasheet
791Kb / 24P
Industrial Ethernet Switch - FL SWITCH 2214-2FX SM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com