Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

860 Datasheet (PDF) - Vishay Siliconix

860 Datasheet PDF - Vishay Siliconix
Part # 860
Download  860 Download
File Size   83.84 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount

860 Datasheet (PDF)

Go To PDF Page Download Datasheet
860 Datasheet PDF - Vishay Siliconix

Part # 860
Download  860 Click to download

File Size   83.84 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount

860 Datasheet (HTML) - Vishay Siliconix


860 Product details

FEATURES
• Gangable up to 2 sections
• Large range of ohmic values: 20  to 200 k
• Extra taps available upon request
• Ideally suits for all industry applications




Similar Part No. - 860

ManufacturerPart #DatasheetDescription
logo
Littelfuse
860 LITTELFUSE-860 Datasheet
82Kb / 1P
Panel Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
logo
Precid-Dip Durtal SA
860 PREDIP-860 Datasheet
95Kb / 3P
PCB CONNECTORS
logo
France Joint
860 FRANCEJOINT-860 Datasheet
381Kb / 3P
PTFE SHAFT SEALS
logo
Littelfuse
860 LITTELFUSE-860 Datasheet
530Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Panel/Circuit Board Mounted
05/17/21
More results


Similar Description - 860

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
18-Jun-07
MODEL164 VISHAY-MODEL164 Datasheet
213Kb / 3P
1/2 (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
05-Jul-07
MODEL802 VISHAY-MODEL802 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
23-Mar-07
MODEL830 VISHAY-MODEL830 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Bushing Mount
23-Mar-07
MODEL860 VISHAY-MODEL860 Datasheet
213Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound, Bushing Mount
05-Jul-07
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
162 VISHAY-162 Datasheet
90Kb / 4P
1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
22-Nov-16
164 VISHAY-164 Datasheet
261Kb / 3P
1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
27-Mar-15
802 VISHAY-802 Datasheet
321Kb / 4P
(46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
830 VISHAY-830_V01 Datasheet
320Kb / 4P
(46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com