Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4105 Datasheet (PDF) - New Japan Radio

NJW4105 Datasheet PDF - New Japan Radio
Part # NJW4105
Download  NJW4105 Download
File Size   462.81 Kbytes
Page   23 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description HIGH VOLTAGE IO = 500 mA LDO REGULATOR

NJW4105 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4105 Datasheet PDF - New Japan Radio

Part # NJW4105
Download  NJW4105 Click to download

File Size   462.81 Kbytes
Page   23 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description HIGH VOLTAGE IO = 500 mA LDO REGULATOR

NJW4105 Datasheet (HTML) - New Japan Radio


NJW4105 Product details

■ FEATURES
● Fast transient response
● Wide operating voltage 4.0 V to 40 V
● Wide operating temperature Ta = −40°C to 125°C
● High-accuracy output voltage VO ±1.0% (Ta = 25°C)
● Output current 500 mA (min)
● ON/OFF control
● Ceramic capacitor compatible
● Undervoltage lockout
● Thermal shutdown
● Overcurrent protection
● Package TO-252-5-L5

■ DESCRIPTION
The NJW4105 is a 45 V, IO = 500 mA fast transient response
low dropout regulator. This device achieves fast transient
response and offers stable output voltage even at line or load
fluctuations.
The NJW4105 provides outstanding high output voltage
accuracy that guaranteed ±1.0% under the conditions of VIN =
VO + 1 V to 40 V, IO = 0 mA to 500 mA.
Moreover, wide operating voltage and wide operating
temperature make the NJW4105 ideal for automotive
accessories or applications that require high reliability.




Similar Part No. - NJW4105

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJW4105 NISSHINBO-NJW4105 Datasheet
463Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105DL5-05A NISSHINBO-NJW4105DL5-05A Datasheet
463Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
logo
New Japan Radio
NJW4105DL5-05A-T1 NJRC-NJW4105DL5-05A-T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
logo
Nisshinbo Micro Devices...
NJW4105DL5-08A NISSHINBO-NJW4105DL5-08A Datasheet
463Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
logo
New Japan Radio
NJW4105DL5-08A-T1 NJRC-NJW4105DL5-08A-T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
More results


Similar Description - NJW4105

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
New Japan Radio
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
NJW4106T1 NJRC-NJW4106T1 Datasheet
744Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com