Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4107 Datasheet (PDF) - New Japan Radio

NJW4107 Datasheet PDF - New Japan Radio
Part # NJW4107
Download  NJW4107 Download
File Size   952.61 Kbytes
Page   17 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 45V Io=300mA LDO

NJW4107 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW4107 Datasheet PDF - New Japan Radio

Part # NJW4107
Download  NJW4107 Click to download

File Size   952.61 Kbytes
Page   17 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 45V Io=300mA LDO

NJW4107 Datasheet (HTML) - New Japan Radio


NJW4107 Product details

■FEATURES
● Fast Transient Response
● Operating Voltage 4.0V to 40V
● Operating Temperature Ta=-40 C to 125°C
●Output Voltage Accuracy VO 1.0%(Ta=25 C)
VO 1.5%(Ta=-40 C to 125°C)
● Output Current IO(min.)=300mA
● ON/OFF Control A ver. only
● Correspond to MLCC
● Under Voltage Lock Out circuit
● Thermal Shutdown Circuit
● Over Current Protection Circuit
● Package Outline A ver. SOT-89-5-2
B ver. SOT-89-3

■GENERAL DESCRIPTION
The NJW4107 is a 45V, Io=300mA fast response low
dropout regulator. It achieves fast transient response,
therefore it provides stable output voltage at line/load
fluctuations.
Output voltage accuracy is guaranteed 1.5% under
wide range conditions: VIN=Vo+1V to 40V, Io=0mA to
300mA and Ta=-40 C to 125°C.
Because of wide input voltage range and wide
operating temperature range, the NJW4107 is suitable
for various applications including automotive
applications.




Similar Part No. - NJW4107

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJW4107 NISSHINBO-NJW4107 Datasheet
620Kb / 17P
45V Io=300mA LDO
Ver.3.0
NJW4107U2-05A NISSHINBO-NJW4107U2-05A Datasheet
620Kb / 17P
45V Io=300mA LDO
Ver.3.0
NJW4107U2-05A-T1 NISSHINBO-NJW4107U2-05A-T1 Datasheet
620Kb / 17P
45V Io=300mA LDO
Ver.3.0
NJW4107U2-08A NISSHINBO-NJW4107U2-08A Datasheet
620Kb / 17P
45V Io=300mA LDO
Ver.3.0
NJW4107U2-33A NISSHINBO-NJW4107U2-33A Datasheet
620Kb / 17P
45V Io=300mA LDO
Ver.3.0
More results


Similar Description - NJW4107

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
300mA CMOS LDO
2002
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
300mA CMOS LDO
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
logo
Mitsumi Electronics, Co...
MM3571 MITSUMI-MM3571 Datasheet
259Kb / 22P
300mA LDO
MM189X MITSUMI-MM189X Datasheet
124Kb / 11P
300mA LDO
logo
AiT Semiconductor Inc.
A6345 AITSEMI-A6345 Datasheet
642Kb / 12P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.1
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
logo
New Japan Radio
NJW4104 NJRC-NJW4104 Datasheet
786Kb / 21P
45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com