Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FF2400RB12IP7P Datasheet (PDF) - Infineon Technologies AG

FF2400RB12IP7P Datasheet PDF - Infineon Technologies AG
Part # FF2400RB12IP7P
Download  FF2400RB12IP7P Download
File Size   723.35 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK™3 B-series module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC / pre-applied thermal interface material

FF2400RB12IP7P Datasheet (PDF)

Go To PDF Page Download Datasheet
FF2400RB12IP7P Datasheet PDF - Infineon Technologies AG

Part # FF2400RB12IP7P
Download  FF2400RB12IP7P Click to download

File Size   723.35 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK™3 B-series module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC / pre-applied thermal interface material

FF2400RB12IP7P Datasheet (HTML) - Infineon Technologies AG


FF2400RB12IP7P Product details

Features
• Electrical features
- VCES = 1200 V
- IC nom = 2400 A / ICRM = 4800 A
- High current density
- Low inductive design
- Low VCE,sat
- Tvj,op = 150°C
- Overload operation up to 175°C
- TRENCHSTOPTM IGBT7
• Mechanical features
- High creepage and clearance distances
- High power density
- Package with CTI > 400
- Pre-applied thermal interface material




Similar Part No. - FF2400RB12IP7P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF2400RB12IP7 INFINEON-FF2400RB12IP7 Datasheet
680Kb / 14P
PrimePACK™3 B-series module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.20 2022-03-17
More results


Similar Description - FF2400RB12IP7P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF1800R23IE7 INFINEON-FF1800R23IE7 Datasheet
707Kb / 20P
PrimePACK™3 B-series module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.20 2022-05-03
FF1800R23IE7P INFINEON-FF1800R23IE7P Datasheet
707Kb / 20P
PrimePACK™3 B-series module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC / pre-applied thermal interface material
Revision 1.00 2022-05-03
FF2400RB12IP7 INFINEON-FF2400RB12IP7 Datasheet
680Kb / 14P
PrimePACK™3 B-series module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.20 2022-03-17
FF900R12ME7W_B11 INFINEON-FF900R12ME7W_B11 Datasheet
1,000Kb / 16P
EconoDUAL™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-04-01
FP100R12N3T7 INFINEON-FP100R12N3T7 Datasheet
611Kb / 21P
EconoPIM™3 module with TRENCHSTOP™IGBT7 and Emitter Controlled 7 diode and NTC
0.21 2021-06-18
FP50R12N2T7P INFINEON-FP50R12N2T7P Datasheet
606Kb / 20P
EconoPIM™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC / pre-applied thermal interface material
Revision 1.00 2022-02-01
FS150R12N3T7 INFINEON-FS150R12N3T7 Datasheet
481Kb / 16P
EconoPACK™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-01-31
FS200R12N3T7 INFINEON-FS200R12N3T7 Datasheet
456Kb / 16P
EconoPACK™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-03-02
FP150R12N3T7_B11 INFINEON-FP150R12N3T7_B11 Datasheet
657Kb / 21P
EconoPIM™3 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC
Revision 1.00 2022-03-28
FP200R12N3T7_B11 INFINEON-FP200R12N3T7_B11 Datasheet
611Kb / 20P
EconoPIM™3 module with TRENCHSTOP™IGBT7 and Emitter Controlled 7 diode and NTC
0.10 2021-08-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com